Electronic Components Datasheet Search
  English  ▼

X  

TP75 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # TP75
Description  75W Triple Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP75 Datasheet(HTML) 1 Page - Astrodyne Corporation

  TP75 Datasheet HTML 1Page - Astrodyne Corporation TP75 Datasheet HTML 2Page - Astrodyne Corporation TP75 Datasheet HTML 3Page - Astrodyne Corporation TP75 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
75W Triple Output with PFC Function
TP75 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Built-in active PFC function, PF >0.95
Protections: Short circuit / Overload / Over voltage
Fixed switching frequency at PFC: 67KHz PWM: 134KHz
Cooling by free air convection
LED indicator for power on
Low profile: 33mm thickness
Model Number Output Volts Output Amps Ripple & Noise Load Reg
Volt Tolerance
Min Load
TRIPLE OUTPUT
TP75-A
5 Volts(DC)
7.0 Amps
100mVpk-pk
±3.0%
±3.0%
1.5~10Amps
12 Volts(DC)
3.0 Amps
120mVpk-pk
±4.0%
±4.0%
0.2~4.0Amps
-5 Volts(DC)
0.6 Amps
100mVpk-pk
±8.0%
±8.0%
0~0.6Amps
TP75-B
5 Volts(DC)
7.0 Amps
100mVpk-pk
±3.0%
±3.0%
1.5~10Amps
12 Volts(DC)
3.0 Amps
120mVpk-pk
±4.0%
±4.0%
0.2~4.0Amps
-12 Volts(DC)
0.4 Amps
120mVpk-pk
±8.0%
±8.0%
0~0.6Amps
TP75-C
5 Volts(DC)
6.0 Amps
100mVpk-pk
±3.0%
±3.0%
1.5~10Amps
15 Volts(DC)
2.5 Amps
120mVpk-pk
±4.0%
±4.0%
0.2~3.0Amps
-15 Volts(DC)
0.5 Amps
120mVpk-pk
±8.0%
±8.0%
0~0.6Amps


Similar Part No. - TP75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP75 ETC2-TP75 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
logo
Transko Electronics, In...
TP75 TRANSKO-TP75 Datasheet
296Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev 0: 08-25-2021
logo
List of Unclassifed Man...
TP75-12S05 ETC2-TP75-12S05 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
TP75-12S12 ETC2-TP75-12S12 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
TP75-12S15 ETC2-TP75-12S15 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
More results

Similar Description - TP75

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
75W Single Output with PFC Function
TP-75 ASTRODYNE-TP-75 Datasheet
439Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
75W Triple Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
75W Single Output with PFC Function
TP-75 RSG-TP-75 Datasheet
182Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_10 Datasheet
609Kb / 3P
75W Triple Output with PFC Function
TP-75 MEANWELL-TP-75_12 Datasheet
607Kb / 3P
75W Triple Output with PFC Function
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
75W Single Output with PFC Function
TP75DRL ASTRODYNE-TP75DRL Datasheet
1Mb / 4P
75W Triple Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
75W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com