Electronic Components Datasheet Search
  English  ▼

X  

2SA935 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SA935
Description  TO-92L Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA935 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SA935 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92L Plastic-Encapsulate
d Transistors
2SA935 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM
: 0.75
W (Tamb=25
℃)
Collector current
ICM
: -0.7
A
Collector-base voltage
V(BR)CBO : -80 V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-50µA, IE=0
-80
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-2mA, IB=0
-80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-0.5
µA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-0.5
µA
DC current gain
hFE(1)
VCE=-3V, IC=-100mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.4
V
Transition frequency
fT
VCE=-10V, IC=-50mA
100
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
20
pF
CLASSIFICATION OF
hFE(1)
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
1 2 3
TO-92L
1.
EMITTER
2.
COLLECTOR
3.
BASE
Transys
Electronics
LI M ITE D


Similar Part No. - 2SA935

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA935 ROHM-2SA935 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SA935 ROHM-2SA935 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
SHENZHEN YONGERJIA INDU...
2SA935 WINNERJOIN-2SA935 Datasheet
106Kb / 1P
TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
2SA935 JIANGSU-2SA935 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
More results

Similar Description - 2SA935

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
TO-92L Plastic-Encapsulate Transistors
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTD863 JIANGSU-KTD863 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com