Electronic Components Datasheet Search
  English  ▼

X  

C1674 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # C1674
Description  TO-92 Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

C1674 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  C1674 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate
d Transistors
2SC1674
TRANSISTOR (NPN)
FEATURE
Power dissipation
PCM:
0. 25 W (Tamb=25
℃)
Collector current
ICM:
0.02
A
Collector-base voltage
V(BR)CBO:
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
µA , IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1 mA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
4
V
Collector cut-off current
ICBO
VCB= 30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=3V ,
IC=0
0.1
µA
DC current gain
hFE
VCE=6 V, IC= 1mA
40
180
Collector-emitter saturation voltage
VCE(sat)
IC=10 mA, IB= 1 mA
0.3
V
Base-emitter voltage
VBE(ON)
VCE=6 V, IC= 1mA
0.72
V
Transition frequency
f T
VCE=6 V, IC= 1mA
400
MHz
Collector output capacitance
Cob
VCE=6V, IE=0, f=1MHz
1.5
pF
Noise figure
NF
VCE=6V, IC=1mA, f=100MHz,
RS=50Ω
5
dB
Power gain
GP
VCE=6V,IC=1mA,f=100MHz
18
dB
CLASSIFICATION OF hFE(1)
Rank
Y
GR
BL
Range
40-80
60-120
90-180
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
.
Transys
Electronics
LI M ITE D


Similar Part No. - C1674

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
C1674 TGS-C1674 Datasheet
243Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
logo
NEC
C1674 NEC-C1674 Datasheet
298Kb / 4P
NPN SILICON TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
C1674 WINNERJOIN-C1674 Datasheet
147Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
C1674 FOSHAN-C1674 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
C1674 JIANGSU-C1674 Datasheet
405Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - C1674

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2N4401 TEL-2N4401 Datasheet
66Kb / 1P
TO-92 Plastic-Encapsulated Transistors
2N5551 TEL-2N5551 Datasheet
66Kb / 2P
TO-92 Plastic-Encapsulated Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com