Electronic Components Datasheet Search
  English  ▼

X  

DS2004TN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS2004TN
Description  High Current/Voltage Darlington Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS2004TN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS2004TN Datasheet HTML 1Page - National Semiconductor (TI) DS2004TN Datasheet HTML 2Page - National Semiconductor (TI) DS2004TN Datasheet HTML 3Page - National Semiconductor (TI) DS2004TN Datasheet HTML 4Page - National Semiconductor (TI) DS2004TN Datasheet HTML 5Page - National Semiconductor (TI) DS2004TN Datasheet HTML 6Page - National Semiconductor (TI) DS2004TN Datasheet HTML 7Page - National Semiconductor (TI) DS2004TN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9647
December 1995
DS2003DS9667DS2004
High CurrentVoltage Darlington Drivers
General Description
The DS2003DS9667DS2004 are comprised of seven high
voltage high current NPN Darlington transistor pairs All
units feature common emitter open collector outputs To
maximize their effectiveness these units contain suppres-
sion diodes for inductive loads and appropriate emitter base
resistors for leakage
The DS2003DS9667 has a series base resistor to each
Darlington pair thus allowing operation directly with TTL or
CMOS operating at supply voltages of 50V
The DS2004 has an appropriate input resistor to allow direct
operation from CMOS or PMOS outputs operating from sup-
ply voltages of 60V to 15V
The DS2003DS9667DS2004 offer solutions to a great
many interface needs including solenoids relays lamps
small motors and LEDs Applications requiring sink currents
beyond the capability of a single output may be accommo-
dated by paralleling the outputs
Features
Y
Seven high gain Darlington pairs
Y
High output voltage (VCE e 50V)
Y
High output current (IC e 350 mA)
Y
TTL PMOS CMOS compatible
Y
Suppression diodes for inductive loads
Y
Extended temperature range
Connection Diagram
16-Lead DIP
TLF9647 – 1
Top View
Order Numbers
J Package
N Package
M Package
Number
Number
Number
J16A
N16E
M16A
DS2003
DS2003MJ
DS2003TN
DS2003TM
DS9667
DS2003TJ
DS2003CN
DS2003CM
DS2003CJ
DS9667TN
DS9667MJ
DS9667CN
DS9667TJ
DS9667CJ
DS2004
DS2004MJ
DS2004TN
DS2004TM
DS2004TJ
DS2004CN
DS2004CM
DS2004CJ
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


Similar Part No. - DS2004TN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2004TN NSC-DS2004TN Datasheet
317Kb / 5P
HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
More results

Similar Description - DS2004TN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2003 NSC-DS2003 Datasheet
194Kb / 6P
High Current/Voltage Darlington Drivers
logo
Allegro MicroSystems
2003 ALLEGRO-2003 Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULS-2801H ALLEGRO-ULS-2801H Datasheet
1Mb / 12P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Fairchild Semiconductor
UA9665 FAIRCHILD-UA9665 Datasheet
261Kb / 6P
High Current/VOLTAGE Darlington Drivers
logo
Texas Instruments
UDN2841 TI-UDN2841 Datasheet
266Kb / 4P
QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
National Semiconductor ...
DS2001 NSC-DS2001 Datasheet
317Kb / 5P
HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Texas Instruments
DS2003CMX TI-DS2003CMX Datasheet
802Kb / 13P
DS2003 High Current/Voltage Darlington Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com