Electronic Components Datasheet Search
  English  ▼

X  

DAC1220LCJ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1220LCJ
Description  10-Bit, 12-Bit Binary Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1220LCJ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DAC1220LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 9Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 10Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 11Page - National Semiconductor (TI) DAC1220LCJ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Applications (Continued)
TLH5689 – 8
 Output frequency e
fCLK
512
fMAX j 2 kHz
 Output voltage range e 0V b 10V peak
 THD k 02%
 Excellent amplitude and frequency stability with temperature
 Low pass filter shown has a 1 kHz corner (for output frequencies below 10 Hz
filter corner should be reduced)
 Any periodic function can be implemented by modifying the contents of the look
up table ROM
 No start up problems
FIGURE 12 Precision Low Frequency Sine Wave Oscillator Using Sine Look-Up ROM
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com