Electronic Components Datasheet Search
  English  ▼

X  

855833 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 855833
Description  1880 MHz SAW Split Band Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

855833 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  855833 Datasheet HTML 1Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 2Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 3Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 4Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 5Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 6Page - List of Unclassifed Manufacturers 855833 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet
Part Number 855833
1880 MHz SAW Split Band Filter
Subject to change or obsolescence without notice
Last Updated: 14-May-2001
Page 2 of 7
Band #1 Electrical Specifications
(1)
Operating Temperature Range:
(2)
-40 to +85
oC
Parameter
(3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1865
-
MHz
Maximum Insertion Loss
1850 - 1880 MHz
-
2
2.5
dB
Passband Ripple
1850 - 1880 MHz
-
0.4
1.5
dB p-p
Absolute Attenuation
DC - 1770 MHz
1770 - 1800 MHz
1930 - 1960 MHz
1960 - 2040 MHz
2040 - 2100 MHz
2100 - 3000 MHz
25
23
35
25
30
25
28
38
40
33
34
34
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Input/Output Return Loss
1850 - 1880 MHz
10
16.5
-
dB
Terminating Source Impedance:
(4)
-50
-
Ω
Terminating Load Impedance:
(4)
-50
-
Ω
Operating Temperature Range
-40
+25
+85
oC
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Band #1 Test Circuit:
50
Ω
Single-ended
2,4,6,8
1
50
50
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
50
Ω
Ω
Ω
Ω
7
Ω
Ω
Ω
Ω
50
5
3
No impedance matching
required



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com