Electronic Components Datasheet Search
  English  ▼

X  

ADAM-4541 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADAM-4541
Description  Fiber Optic to RS-232/422/485 Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADAM-4541 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADAM-4541 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Daughterboards and Modules
6-24
ADAM-4541/4542
Fiber Optic to RS-232/
422/485 Converter
Introduction
Fiber optic transmission offers the benefits of wide bandwidth, immunity
to EMI/RFI interference, and secure data transmission. ADAM-4541/
ADAM-4542 can be used as an RS-232/422/485 point-to-point or point-
to-mutipoint connection for transmitting and converting full/half-duplex
signals and their equivalents within a fiber optic environment. Fiber optics
is the perfect solution for applications where the transmission medium
must be protected from electrical exposure, lightning, atmospheric
conditions or chemical corrosion.
The ADAM-4541/4542 is specifically designed to link various machinery
equipped with an RS-232/422/485 communication ports (such as
computer systems or manufacturing machines). Using standard ST
connectors, the module's fiber optic ports can accommodate a wide range
of fiber optic cable sizes, including 62.5/125 (9/125)
µm.
Advantages of Fiber Optics
All Dielectric
• Low signal radiation
• Secure transmission
• Lightning immunity
• High-voltage installation
Small Size
• Less duct space
• Fewer additional ducts installed
Low Attenuation
• Greater distance / fewer repeaters
• Less installation and maintenance
Optical Signals
• No ground loops
• No spark hazard
• Operation in flammable areas
High Bandwidth
• Future signal capacity expansion
Specifications
• Casing: ABS with captive mounting hardware
• Communication mode: Asynchronous
• Connector: Plug-in screw terminal
• Fiber port: ST
• Transmission mode: Full/half-duplex, bidirectional
• Transmission rate: Up to 115. 2 Kbps
• Operating temperature: -10 ~ 70° C (14 ~ 158° F)
• Operating humidity: 5 ~ 95% (non-condensing)
• Accessories (included): Nylon DIN-rail mounting adapter, SECC
panel mounting bracket
Ordering Information
❑ ADAM-4541: Mulit-Mode Fiber optic to RS-232/422/485
converter with mounting bracket
❑ ADAM-4542: Single-Mode Fiber optic to RS-232/422/485
converter with mounting bracket
Features
• Compact size economizes space
• Direct plug-and-play
• Easily mounted on a DIN-rail, panel or piggyback
• Transmission speeds of up to 115.2 Kbps
• Optical fibers enable transmission of 2.5 km for ADAM-4541
and 15 km for ADAM-4542
• Half/Full-duplex, bidirectional transmission mode
• Avoids lightning strikes and EMI/RFI interference
• Prevents damage from electrostatic discharge
• Stable and error-free data transmission
• Automatic internal RS-485 bus supervision
• No external flow control signals required for RS-485
• Transient suppression and over-current protection on RS-422/
485 data lines
• Reserved space for termination resistors
• LED for power and data flow indication
• Power requirement: +10 to + 30 VDC
1
4
5
4
-
M
A
D
A
2
4
5
4
-
M
A
D
A
s
c
i
t
p
O
r
e
b
i
F
e
d
o
m
-
i
t
l
u
me
d
o
m
-
e
l
g
n
i
s
h
t
g
n
e
l
e
v
a
W
m
n
0
2
8
m
n
0
1
3
1
e
c
n
a
t
s
i
D
n
o
i
s
s
i
m
s
n
a
r
T
m
k
5
.
2m
k
5
1
t
e
g
d
u
B
r
e
w
o
P
l
a
c
i
t
p
O
)
n
o
i
t
a
u
n
e
t
t
a
(
B
d
5
.
2
1
B
d
9
n
o
i
t
p
m
u
s
n
o
C
r
e
w
o
P
;
)
l
a
c
i
p
y
t
(
W
1
)
.
x
a
m
(
W
5
.
1
;
)
l
a
c
i
p
y
t
(
W
6
.
1
)
.
x
a
m
(
W
1
.
2


Similar Part No. - ADAM-4541

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4541 ADVANTECH-ADAM-4541 Datasheet
708Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4541 ADVANTECH-ADAM-4541 Datasheet
146Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4541 ADVANTECH-ADAM-4541 Datasheet
353Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4541 ADVANTECH-ADAM-4541 Datasheet
316Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4541 ADVANTECH-ADAM-4541 Datasheet
378Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
11-Jul-2023
More results

Similar Description - ADAM-4541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4541 ADVANTECH-ADAM-4541 Datasheet
708Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4542+ ADVANTECH-ADAM-4542+ Datasheet
146Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4541 ADVANTECH-ADAM-4541_15 Datasheet
353Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
ADAM-4541 ADVANTECH-ADAM-4541_16 Datasheet
316Kb / 1P
Multi-mode Fiber Optic to RS-232/422/485 Converter
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
logo
Advantech Co., Ltd.
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
ULI-314DC ADVANTECH-ULI-314DC Datasheet
361Kb / 2P
USB to RS-232/422/485 Isolated Converter
1-Jul-2022
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com