Electronic Components Datasheet Search
  English  ▼

X  

MMBTRC104SS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBTRC104SS
Description  Surface Mount Bias Resistor Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTRC104SS Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBTRC104SS Datasheet HTML 1Page - Diotec Semiconductor MMBTRC104SS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTRC101SS ... MMBTRC106SS
MMBTRC101SS ... MMBTRC106SS
NPN
Surface Mount Bias Resistor Transistors
SMD Transistoren mit Eingangsspannungsteiler
NPN
Version 2015-05-12
Dimensions - Maße [mm]
1 = In
2 = Gnd
3 = Out
Power dissipation – Verlustleistung
200 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and characteristics (TA = 25°C)
Grenz- und Kennwerte (TA = 25°C)
Resistor combinations – Widerstandskombinationen
R1 [kΩ]
R2 [kΩ]
MMBTRC101SS
4.7
4.7
MMBTRC102SS
10
10
MMBTRC103SS
22
22
MMBTRC104SS
47
47
MMBTRC105SS
2.2
47
MMBTRC106SS
4.7
47
Input-voltage – Eingangs-Spannung
VI
MMBTRC101SS
-10 ... +20 V
MMBTRC102SS
-10 ... +30 V
MMBTRC103SS
-10 ... +40 V
MMBTRC104SS
-10 ... +40 V
MMBTRC105SS
-5 ... +12 V
MMBTRC106SS
-5 ... +20 V
Output voltage – Ausgangs-Spannung
VO
50 V
Output current – Ausgangs-Strom
IO
100 mA
Power dissipation – Verlustleistung
Ptot
200 mW 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
3
1
2
R1
R2
Output
Input
Ground
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9±0.1
-0.05
-0.2


Similar Part No. - MMBTRC104SS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBTRC104SS DIOTEC-MMBTRC104SS Datasheet
111Kb / 2P
Surface Mount Bias Resistor Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTRC104SS SEMTECH_ELEC-MMBTRC104SS Datasheet
176Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Surge Components
MMBTRC104SS SURGE-MMBTRC104SS Datasheet
837Kb / 5P
NPN Silicon Epitaxial planar Transistor
logo
Dongguan Pingjingsemi T...
MMBTRC104SS PJSEMI-MMBTRC104SS Datasheet
3Mb / 6P
NPN Digital Transistor
More results

Similar Description - MMBTRC104SS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
196Kb / 13P
Bias Resistor Transistors PNP Silicon Surface Mount Transistors
August, 2009 ??Rev. 10
logo
Diotec Semiconductor
MMBTRC101SS DIOTEC-MMBTRC101SS Datasheet
111Kb / 2P
Surface Mount Bias Resistor Transistors
MMBTRC116SS DIOTEC-MMBTRC116SS Datasheet
111Kb / 2P
Surface Mount Bias Resistor Transistors
MMBTRC116SS DIOTEC-MMBTRC116SS_15 Datasheet
113Kb / 2P
Surface Mount Bias Resistor Transistors
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com