Electronic Components Datasheet Search
  English  ▼

X  

COP8SAB720M9 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAB720M9
Description  8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAB720M9 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button COP8SAB720M9 Datasheet HTML 35Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 36Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 37Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 38Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 39Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 40Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 41Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 42Page - National Semiconductor (TI) COP8SAB720M9 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
12.0 Memory Map
All RAM, ports and registers (except A and PC) are mapped into data memory address space.
RAM
Address
Contents
Select
ADD REG
64 On-Chip RAM Bytes.
02 to 2F
On-Chip RAM (48 Bytes)
(COP8SAAx)
30 to 7F
Unused RAM (Reads as all ones)
128 On-Chip RAM Bytes
00 to 6F
On-Chip RAM (112 Bytes)
(COP8SABx/SACx)
70 to 7F
Unused RAM (Reads as all ones)
80 to 93
Reserved
94
Port F Data Register
95
Port F Configuration Register
96
Port F Input Pins (Read Only)
97
Reserved
A0 to C6
Reserved
C7
WATCHDOG Service Register (Reg: WDSVR)
C8
MIWU Edge Select Register (Reg: WKEDG)
C9
MIWU Enable Register (Reg: WKEN)
CA
MIWU Pending Register (Reg: WKPND)
CB to CF
Reserved
D0
Port L Data Register
D1
Port L Configuration Register
D2
Port L Input Pins (Read Only)
D3
Reserved
D4
Port G Data Register
D5
Port G Configuration Register
D6
Port G Input Pins (Read Only)
D7
Reserved
D8
Port C Data Register
D9
Port C Configuration Register
DA
Port C Input Pins (Read Only)
DB
Reserved
DC
Port D
DD to DF
Reserved
E0 to E5
Reserved
E6
Timer T1 Autoload Register T1RB Lower Byte
E7
Timer T1 Autoload Register T1RB Upper Byte
E8
ICNTRL Register
E9
MICROWIRE/PLUS Shift Register
EA
Timer T1 Lower Byte
EB
Timer T1 Upper Byte
EC
Timer T1 Autoload Register T1RA Lower Byte
ED
Timer T1 Autoload Register T1RA Upper Byte
EE
CNTRL Control Register
EF
PSW Register
F0 to FB
On-Chip RAM Mapped as Registers
FC
X Register
FD
SP Register
FE
B Register
FF
Reserved (Segment Register)
Reading any undefined memory location in the address range of 0080H–00FFH will return undefined data.
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com