Electronic Components Datasheet Search
  English  ▼

X  

CPC1964G Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1964G
Description  Zero-Cross Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1964G Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1964G Datasheet HTML 1Page - IXYS Corporation CPC1964G Datasheet HTML 2Page - IXYS Corporation CPC1964G Datasheet HTML 3Page - IXYS Corporation CPC1964G Datasheet HTML 4Page - IXYS Corporation CPC1964G Datasheet HTML 5Page - IXYS Corporation CPC1964G Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1964G-R01
1
CPC1964G
AC Power Switch
Part #
Description
CPC1964G
4-Pin (16-Pin Body) DIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
20 - 280
V
rms
Load Current
1
A
rms
On-State Voltage Drop
1.4
V
P (at IL = 1AP)
Blocking Voltage
800
V
P
Applications
Features
Description
Ordering Information
Pin Configuration
• Lighting
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Meters
• Load Current up to 1A
rms
• 800V
P Blocking Voltage
• 5mA Sensitivity
• 2500V
rms Input to Output Isolation
• Off-State dV/dt: 1000V/
s Minimum
• Zero-Cross Switching
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
CPC1964G is an AC Solid State Switch utilizing
dual power SCR outputs. This device also includes
zero-cross turn-on circuitry and is specified with a
blocking voltage of 800V
P .
In addition, the tightly controlled zero-cross circuitry
ensures low noise switching of AC loads by minimizing
the generation of transients. The optically coupled
input and output circuits provide 2500V
rms of isolation
between the control and load circuits. As a result, the
CPC1964G is well suited for industrial environments
where electromagnetic interference would disrupt the
operation of plant facility communication and control
systems.
Approvals
• UL 508 Certified Component: File E69938
16
1
10
+ LED
AC Load
– LED
AC Load
8
ZC
Control
Load
Current
AC Line
Voltage
Across
Relay
Switching Characteristics


Similar Part No. - CPC1964G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1964B IXYS-CPC1964B Datasheet
117Kb / 6P
Low EMI and RFI Generation
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
Machine Insertable, Wave Solderable
CPC1964Y IXYS-CPC1964Y Datasheet
119Kb / 6P
TTL and CMOS Compatible
More results

Similar Description - CPC1964G

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
Zero-Volt Cross Switching
STZ8043 SSOUSA-STZ8043 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8063 SSOUSA-STZ8063 Datasheet
399Kb / 9P
Zero Cross Switching
STZ8083 SSOUSA-STZ8083 Datasheet
402Kb / 9P
Zero Cross Switching
logo
American Electronic Com...
HHG1C AEC-HHG1C Datasheet
298Kb / 2P
Zero cross-over switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com