Electronic Components Datasheet Search
  English  ▼

X  

CCM1620 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CCM1620
Description  SPECIFICATIONS FOR LCD MODULE CCM1620
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CCM1620 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCM1620 Datasheet HTML 1Page - List of Unclassifed Manufacturers CCM1620 Datasheet HTML 2Page - List of Unclassifed Manufacturers CCM1620 Datasheet HTML 3Page - List of Unclassifed Manufacturers CCM1620 Datasheet HTML 4Page - List of Unclassifed Manufacturers CCM1620 Datasheet HTML 5Page - List of Unclassifed Manufacturers CCM1620 Datasheet HTML 6Page - List of Unclassifed Manufacturers CCM1620 Datasheet HTML 7Page - List of Unclassifed Manufacturers CCM1620 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ME
ME DISPLAYS
CCM1620
16 x 2 lines Character
• FEATURES
Number of Characters
Display Font
Built-in Controller
Input Data
Power Supply
Duty Cycle
Options
16 characters x 2 lines
5 x 8 dots
HD44780 or Comp
4 Bits or 8-Bits Interface
+5 V Single Power
1/16 Duty
EL/LED Backlight, TN/STN
• MECHANICAL PARAMETERS
Module Size
Module Size with LED Backlight
Viewing Area Size
Dot Size
Dot Pitch
80.0W x 36.0H x 9.0T mm
80.0W x 36.0H x 13.0T mm
64.5W x 13.8H mm
0.50 x 0.55 mm
0.55 x 0.60 mm
• ABSOLUTE MAXIMUM
Item
Symbol
Min.
Max
Unit
Power Supply for Logic
Vdd
-0.3
+7.0
V
Power Supply for LCD Drive
Vlcd
Vdd-13.5
Vdd+0.3
V
Input Voltage
Vi
-0.3
Vdd+0.3
V
Operating Temperature
Ta
0
+50
C
Storage Temperature
Tstg
-10
+70
C
• ELECTRICAL CHARACTERISTICS
(Vdd=5.0V
± 5%, Ta=25C)
Item
Symbol
Conditions
Min
Typ
Max
U
Power Supply for Logic
Vdd
--
4.5
--
5.5
V
Op. Voltage for LCD
Vdd-Vo
--
--
5.0
--
V
Input “High” Voltage
Vih
--
2.2
--
Vdd
V
Input “Low” Voltage
Vil
--
-0.3
--
0.6
V
Output “High” Voltage
Voh
- Ioh = 0.2mA
2.4
--
--
V
Output “Low” Voltage
Vol
Iol = 1.2mA
--
--
0.4
V
Power Supply Current
Idd
Vdd = 5.0V
--
1.0mA
3.0
mA
Micro Electronics Corp
Http://www.microelect.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com