Electronic Components Datasheet Search
  English  ▼

X  

CMPS03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMPS03
Description  Robot Compass Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMPS03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMPS03 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMPS03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMPS03 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMPS03 - Robot Compass Module
This compass module has been specifically designed for use in robots as an aid to navigation. The aim was to produce a unique number to
represent the direction the robot is facing. The compass uses the Philips KMZ51 magnetic field sensor, which is sensitive enough to detect the
Earths magnetic field. The output from two of them mounted at right angles to each other is used to compute the direction of the horizontal
component of the Earths magnetic field.
Connections to the compass module
The compass module requires a 5v power supply at a nominal 15mA.
There are two ways of getting the bearing from the module. A PWM signal is available on pin 4, or an I2C interface is provided on pins 2,3.
The PWM signal is a pulse width modulated signal with the positive width of the pulse representing the angle. The pulse width varies from
1mS (0° ) to 36.99mS (359.9° ) – in other words 100uS/° with a +1mS offset. The signal goes low for 65mS between pulses, so the cycle time
is 65mS + the pulse width - ie. 66ms-102ms. The pulse is generated by a 16 bit timer in the processor giving a 1uS resolution, however I
would not recommend measuring this to anything better than 0.1° (10uS). Make sure you connect the I2C pins, SCL and SDA, to the 5v
supply if you are using the PWM, as there are no pull-up resistors on these pins.
Pin 2,3 are an I2C interface and can be used to get a direct readout of the bearing. If the I2C interface is not used then these pins should be
pulled high (to +5v) via a couple of resistors. Around 47k is ok, the values are not at all critical.


Similar Part No. - CMPS03

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
CMPS-1.22-1.17 TALEMA-CMPS-1.22-1.17 Datasheet
105Kb / 2P
Common Mode Toroidal Chokes
CMPS-1.63-0.88 TALEMA-CMPS-1.63-0.88 Datasheet
105Kb / 2P
Common Mode Toroidal Chokes
CMPS-11.6-0.63 TALEMA-CMPS-11.6-0.63 Datasheet
105Kb / 2P
Common Mode Toroidal Chokes
CMPS-14.0-0.47 TALEMA-CMPS-14.0-0.47 Datasheet
105Kb / 2P
Common Mode Toroidal Chokes
CMPS-2.80-1.47 TALEMA-CMPS-2.80-1.47 Datasheet
105Kb / 2P
Common Mode Toroidal Chokes
More results

Similar Description - CMPS03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC6052 ETC1-HMC6052 Datasheet
161Kb / 6P
INTEGRATED COMPASS SENSOR
logo
Honeywell Solid State E...
HMR3100 HONEYWELL-HMR3100 Datasheet
461Kb / 7P
DIGITAL COMPASS SOLUTION
HMR3500 HONEYWELL-HMR3500 Datasheet
182Kb / 6P
TruePoint Compass Module
HMR3000 HONEYWELL-HMR3000 Datasheet
118Kb / 4P
Digital Compass Module
HMC6343 HONEYWELL-HMC6343 Datasheet
294Kb / 13P
3-Axis Digital Compass Module
logo
List of Unclassifed Man...
HM55B ETC2-HM55B Datasheet
642Kb / 25P
Compass Module
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
Digital Compass Solutions
logo
List of Unclassifed Man...
28990 ETC2-28990 Datasheet
819Kb / 16P
Eddie Robot Platform
logo
Bosch Sensortec GmbH
BMC050 BOSCH-BMC050 Datasheet
1Mb / 105P
Electronic Compass
logo
Dorji Industrial Group ...
DSPC01 DORJI-DSPC01 Datasheet
227Kb / 8P
Digital Compass Pressure Sensor Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com