Electronic Components Datasheet Search
  English  ▼

X  

DCA150BA65 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DCA150BA65
Description  SOFT RECOVERY DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DCA150BA65 Datasheet(HTML) 1 Page - SanRex Corporation

  DCA150BA65 Datasheet HTML 1Page - SanRex Corporation DCA150BA65 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DCA150BA65
SOFT RECOVERY DIODE MODULE
93.5max
80
16.5
23
32
1
23
3M5
2- 6.5
Tc POINT
(depth 2mm)
28
■Maximum Ratings
 最大定格
(Unless otherwise Tj=25℃ / 特にことわらない限り Tj=25℃)
Symbol
記号
Item
項 目
Ratings
 定格値
Unit
単位
DCA150BA65
VRRM
Repetitive Peak Reverse Voltage
定格ピーク繰返し逆電圧
650
V
VR(DC)
Reverse D.C. Voltage
直流逆電圧
520
V
■Electrical Characteristics
 電気的特性
(Unless otherwise Tj=25℃ / 特にことわらない限り Tj=25℃)
Symbol
記号
Item
項 目
Conditions
条 件
Ratings
 定格値
Unit
単位
Min.
Typ.
Max.
IRRM
Repetitive Peak Reverse Current
逆電流
VR=VRRM
,Tj=125℃
150
mA
VFM
Forward Voltage Drop
順電圧降下
IF
=150A,Inst. measurement
瞬時測定
1.50
1.70
V
trr
Reverse Recovery time
逆回復時間
IF
=150A,VR=300V,−di/dt=100A/μs
140
200
ns
tb/ta
Softness
ソフトネス性
IF
=150A,VR=300V,−di/dt=100A/μs
0.5
0.8
Rth
(j-c)
Thermal Resistance
熱抵抗(接合部ーケース間)
Junction to case
,Per One Element
モジュール
0.34
℃/W
Symbol 記号
Item
 項 目
Conditions
 条 件
Ratings
 定格値
Unit 単位
IF(AV)
Average Forward Current
定格平均順電流 
D.C.
 TC=63℃
直流,
ケース温度 63℃
150
A
IFSM
Surge Forward Current
定格サージ順電流
cycle, 60HZ, Peak value, non-repetitive
サイクル正弦波,
60Hz
,
波高値,
非繰返し
1500
A
I2t
I2t
(for fusing)
電流二乗時間積
Value for one cycle surge current
1
サイクルサージオン電流に対する値
9300
A2S
Tj
Junction Temperature
定格接合部温度
−40∼+150
℃
Tstg
Storage Temperature
保存温度
−40∼+125
℃
VISO
Isolation Voltage
(R.M.S.)
絶縁耐圧(実効値)
A.C.
 1minute
A.C.
 1分間
2500
V
Mounting torque
締付トルク
Mounting
(M6)取付
Recommended Value 推奨値 2.5
∼3.9(25∼40)
4.7
(48)
N
・m
(kgf・cm)
Terminal
(M5)端子
Recommended Value 推奨値 1.5
∼2.5(15∼25)
2.7
(28)
Mass
質量
Typical value
標準値
170
g
1
3
2
Unit
単位:mm
DCA150BA65
《Advantages》《特長》
• Isolated package
• 大電力絶縁型パッケージ
• High power, high speed and low loss control
100A/600V
• 低損失・高速駆動可能
• IR≦150mA Tj=125℃
• 低逆電流 IR≦150mA Tj=125℃
• VFM≦1.7V
• 低オン電圧VFM≦1.7V
• trr≦200ns
• 高速ソフトリカバリー trr≦200ns
《Applications》《用途》
• Switching power supply, Welding power
 supply, Cutting machine and various power
 supplies
• スイッチング電源、溶接機、
 切断機、各種電源装置
 


Similar Part No. - DCA150BA65

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DCA150AA50 SANREX-DCA150AA50 Datasheet
59Kb / 2P
Soft Recovery Diode
DCA150AA60 SANREX-DCA150AA60 Datasheet
59Kb / 2P
Soft Recovery Diode
More results

Similar Description - DCA150BA65

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DKA200AA50 SANREX-DKA200AA50 Datasheet
110Kb / 1P
ISOLATED DIODE MODULE(SOFT RECOVERY DIODE)
DSR200BA50 SANREX-DSR200BA50 Datasheet
109Kb / 1P
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR400AA60 SANREX-DSR400AA60 Datasheet
100Kb / 1P
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DBA200WA40 SANREX-DBA200WA40 Datasheet
195Kb / 2P
SOFT RECOVERY DIODE MODULE
DBA200WA60 SANREX-DBA200WA60 Datasheet
195Kb / 2P
SOFT RECOVERY DIODE MODULE
DCA100BA60 SANREX-DCA100BA60 Datasheet
202Kb / 2P
SOFT RECOVERY DIODE MODULE
DCA200UA65 SANREX-DCA200UA65 Datasheet
508Kb / 2P
SOFT RECOVERY DIODE MODULE
logo
SemiHow Co.,Ltd.
SDM2F100G SEMIHOW-SDM2F100G Datasheet
365Kb / 4P
Fast Soft Recovery Diode Module
SDM2F100G06GS SEMIHOW-SDM2F100G06GS Datasheet
371Kb / 4P
Fast Soft Recovery Diode Module
SDM2F150G06G SEMIHOW-SDM2F150G06G Datasheet
376Kb / 4P
Fast Soft Recovery Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com