Electronic Components Datasheet Search
  English  ▼

X  

DF75AA120 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF75AA120
Description  THREE PHASES BRIDGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF75AA120 Datasheet(HTML) 2 Page - SanRex Corporation

  DF75AA120 Datasheet HTML 1Page - SanRex Corporation DF75AA120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF75AA120/160
Maximum Forward Characteristics
Forward Voltage Drop VF(V)
5
5
5
2
2
2
0.
6
0.
8
1.
0
2.
0
1.
2
1.
4
1.
6
1.
8
10
2
10
1
10
0
Tj=25℃
Output Current vs. Power Dissipation
Output Current ID(A)
300
200
100
0
0
100
50
Output Current ID(A)
Output Current vs. Allowable case Temp
150
140
130
120
110
100
0
90
0
50
100
Three Phase
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
1500
1000
500
0
5
2
2
5
10
0
10
1
10
2
60Hz
50Hz
Per one element
Tj=25℃ start
0.
3
0.
2
0.
1
0
Transient Thermal Impedance(max)
Time
t(sec)
5
2
5
2
5
2
5
10
-1
10
0
10
1
Junction to Case
SanRex
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com