Electronic Components Datasheet Search
  English  ▼

X  

CER0059A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0059A
Description  Excellent Low Side Rejection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0059A Datasheet(HTML) 2 Page - CTS Corporation

  CER0059A Datasheet HTML 1Page - CTS Corporation CER0059A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0059A
1960 MHz PCS BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
B7.05
max
C
D1.55
0.25
E3.86
0.13
F
G0.66
0.13
H0.66
0.13
I0.66
0.13
J0.66
0.13
K
L5.65
max
M3.93
max
DIMENISION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
1.5
REEL QUANTITY
ea.
1000
1.83
0.00
2.59
3.10
4.37
2.21
1.57
-0.13
0.53
4.85
5.41
5.66
0.25
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com