Electronic Components Datasheet Search
  English  ▼

X  

ZN429D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZN429D
Description  LOW COST 8-BIT D-A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN429D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZN429D Datasheet HTML 1Page - List of Unclassifed Manufacturers ZN429D Datasheet HTML 2Page - List of Unclassifed Manufacturers ZN429D Datasheet HTML 3Page - List of Unclassifed Manufacturers ZN429D Datasheet HTML 4Page - List of Unclassifed Manufacturers ZN429D Datasheet HTML 5Page - List of Unclassifed Manufacturers ZN429D Datasheet HTML 6Page - List of Unclassifed Manufacturers ZN429D Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAY 1994
DS3008-2.0
ZN429E8/ZN429D
LOW COST 8-BIT D-A CONVERTER
DP14
1
2
3
4
5
6
7
BIT 6
BIT 8 (LSB)
9
10
BIT 2
(MSB) BIT 1
ANALOG OUTPUT
VREF IN
BIT 7
NC
0V
11
12
13
14
BIT 3
BIT 4
BIT 5
+VCC (+5V)
NC
1
2
3
4
5
6
7
8
BIT 6
BIT 8
9
10
BIT 3
BIT 2
BIT 1
ANALOG OUTPUT
BIT 7
VREF IN
+VCC
11
12
13
14
GROUND
NC
BIT 4
BIT 5
GROUND
8
ZN429E8
ZN429D
MP14
Fig.1 Pin connections (not to scale) - top view
The ZN429 is a monolithic 8-bit D-A converter
containing an R-2R ladder network of diffused resistors with
precision bipolar switches.
FEATURES
s Linearity Error
±1/
2 LSB
s Single +5V Supply
s Low Power Consumption 25mW Typical
s Settling Time 1 Microsecond Typical
s TTL and 5V CMOS Compatible
s Designed for Low Cost Applications
ABSOLUTE MAXIMUM RATINGS
ORDERING INFORMATION
Supply voltage, VCC
+7.0V
Max. voltage, logic and VREF inputs
+5.5V
Storage temperature range
-55
°C to +125°C
Ambient operating temperature
-40
°C to +85°C
Package, ZN429D
MP14
Package, ZN429E8
DP14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com