Electronic Components Datasheet Search
  English  ▼

X  

CER0109A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0109A
Description  Surface mount, Silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0109A Datasheet(HTML) 1 Page - CTS Corporation

  CER0109A Datasheet HTML 1Page - CTS Corporation CER0109A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0109A
1950 MHz W-CDMA BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Small Size
• Low Ripple
• Low Loss
Description
Surface mount, Silver (Ag) coated barium
ceramic filter. Developed for use in W-
CDMA Infrastructure Applications.
Weight: 0.7 grams typical
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Parameter
Frequency (MHz) Typical @ 25ºC
Spec. over
-40ºC to +85ºC
Passband Insertion Loss
1920 - 1980
1.0 dB
2.5 dB max
Passband Return Loss @ input
1920 - 1980
17.0 dB
10 dB min
Passband Ripple
1920 - 1980
.20 dB
2 dB max
Attenuation:
1830
42.0 dB
30 dB min
1840
38.0 dB
24 dB min
2060
27.0 dB
24 dB min
Power into any port
1 Watt max
Electrical Specifications
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


Similar Part No. - CER0109A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0109B CTS-CER0109B Datasheet
74Kb / 2P
Surface mount, Silver (Ag) coated barium ceramic filter.
More results

Similar Description - CER0109A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0368A CTS-CER0368A Datasheet
66Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0369A CTS-CER0369A Datasheet
94Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0408A CTS-CER0408A Datasheet
65Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0421C CTS-CER0421C Datasheet
120Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0454B CTS-CER0454B Datasheet
75Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0468A CTS-CER0468A Datasheet
208Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0528B CTS-CER0528B Datasheet
66Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0533A CTS-CER0533A Datasheet
214Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0534B CTS-CER0534B Datasheet
66Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
CER0602A CTS-CER0602A Datasheet
74Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com