Electronic Components Datasheet Search
  English  ▼

X  

UN206 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN206
Description  Transistor array to drive the small motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN206 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN206 Datasheet HTML 1Page - Panasonic Semiconductor UN206 Datasheet HTML 2Page - Panasonic Semiconductor UN206 Datasheet HTML 3Page - Panasonic Semiconductor UN206 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Small Signal Transistor Arrays
UNA0206
s Electrical Characteristics (Ta=25±2˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
(NPN) VCB = 20V, IE = 0
1
µA
(PNP) VCB = –20V, IE = 0
–1
Collector cutoff current
ICER
(NPN) VCE = 18V, RBE = 100kΩ
10
µA
(PNP) VCE = –18V, RBE = 100kΩ
–10
Collector to base voltage
VCBO
(NPN) IC = 10µA, IE = 0
20
V
(PNP) IC = –10µA, IE = 0
–20
Collector to emitter voltage
VCEO
(NPN) IC = 1mA, IB = 0
18
V
(PNP) IC = –1mA, IB = 0
–18
Emitter to base voltage
VEBO
(NPN) IE = 10µA, IC = 0
5
V
(PNP) IE = –10µA, IC = 0
–5
Forward voltage (DC)
VF
IF = 1A
1.5
V
Forward current transfer ratio
hFE1
(NPN) VCE = 2V, IC = 0.5A*
90
360
(PNP) VCE = –2V, IC = – 0.5A*
90
360
Forward current transfer ratio
hFE2
(NPN) VCE = 2V, IC = 1.5A*
50
(PNP) VCE = –2V, IC = – 1.5A*
50
Collector to emitter saturation voltage
VCE(sat)1
(NPN) IC = 0.3A, IB = 10mA
0.2
V
(PNP) IC = – 0.3A, IB = –10mA
– 0.2
Collector to emitter saturation voltage
VCE(sat)2
(NPN) IC = 0.7A, IB = 10mA
0.6
V
(PNP) IC = – 0.7A, IB = –10mA
– 0.6
Transition frequency
fT
(NPN) VCB = 6V, IE = 50mA, f = 200MHz
150
MHz
(PNP) VCB = –6V, IE = –50mA, f = 200MHz
200
Collector output capacitance
Cob
(NPN) VCB = 6V, IE = 0, f = 1MHz
20
pF
(PNP) VCB = –6V, IE = 0, f = 1MHz
40
*Pulse measurement
Characteristics charts of PNP transistor block
PT — Ta
IC — VCE
IC — VBE
0
0
160
20
60
100
140
40
120
80
0.6
0.5
0.4
0.3
0.2
0.1
Ambient temperature Ta (˚C)
0
0
–12
– 2
–10
–4
–8
–6
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
Collector to emitter voltage VCE (V)
Ta=25˚C
– 8mA
– 6mA
– 4mA
– 2mA
–12mA
–10mA
IB= –14mA
0
– 3.0
– 2.5
– 2.0
–1.5
–1.0
– 0.5
Base to emitter voltage VBE (V)
0
– 2.4
– 0.4
– 2.0
– 0.8
–1.6
–1.2
VCE=–2V
Ta=75˚C
– 25˚C
25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com