Electronic Components Datasheet Search
  English  ▼

X  

2SC2258 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2258
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2258 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2258 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2258 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2258 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: January 2003
SJD00098BED
2SC2258
Silicon NPN triple diffusion planar type
For high breakdown voltage general amplification
■ Features
• High collector-emitter voltage (Base open) V
CEO
• High transition frequency f
T
• TO-126B package which requires no insulation plate for installa-
tion to the heat sink
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a = 25°C ± 3°C
Unit: mm
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Emitter-base voltage (Collector open)
VEBO
IE
= 0.1 mA, I
C
= 07
V
Base-emitter voltage
VBE
VCE = 20 V, IC = 40 mA
1.2
V
Collector-emitter cutoff current
ICER
VCE = 250 V, RBE = 100 kΩ
100
µA
(Resistor between B and E)
Forward current transfer ratio
hFE1
VCE = 20 V, IC = 40 mA
40
hFE2
VCE
= 50 V, I
C
= 5 mA
30
Collector-emitter saturation voltage
VCE(sat)
IC = 50 mA, IB = 5 mA
1.2
V
Transition frequency
fT
VCB = 10 V, IE = −10 mA, f = 200 MHz
100
MHz
Collector output capacitance
Cob
VCB
= 50 V, I
E
= 0, f = 1 MHz
3.0
4.5
pF
(Common base, input open circuited)
1: Emitter
2: Collector
3: Base
TO-126B-A1 Package
8.0
+0.5
–0.1
3.2±0.2
0.75±0.1
0.5±0.1
2.3±0.2
4.6±0.2
0.5±0.1
1.76±0.1
123
φ 3.16±0.1
Note) *1: Without heat sink
*2 :With a 100
× 100 × 2 mm Al heat sink
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
250
V
Collector-emitter voltage (Base open)
VCEO
250
V
Emitter-base voltage (Collector open)
VEBO
7V
Collector current
IC
100
mA
Peak collector current
ICP
150
mA
Collector power dissipation
PC
1.2 *
1
W
4 *
2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - 2SC2258

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2258 SAVANTIC-2SC2258 Datasheet
128Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2258 JMNIC-2SC2258 Datasheet
172Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2258 ISC-2SC2258 Datasheet
148Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2258 SAVANTIC-2SC2258 Datasheet
130Kb / 4P
Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC2258 FOSHAN-2SC2258 Datasheet
784Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
More results

Similar Description - 2SC2258

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com