Electronic Components Datasheet Search
  English  ▼

X  

R12P22005D Datasheet(PDF) 2 Page - Recom International Power

Part # R12P22005D
Description  DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12P22005D Datasheet(HTML) 2 Page - Recom International Power

  R12P22005D Datasheet HTML 1Page - Recom International Power R12P22005D Datasheet HTML 2Page - Recom International Power R12P22005D Datasheet HTML 3Page - Recom International Power R12P22005D Datasheet HTML 4Page - Recom International Power R12P22005D Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
ECO-2
REV.: 1/2016
www.recom-power.com
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
only with “/P” suffix
continuous, automatic recovery
Isolation Voltage
I/P to O/P
5.2kVDC / 1 minute
Isolation Capacitance
10pF max.
Isolation Resistance
15G
Ω min.
REGULATIONS
Parameter
Condition
Values
Output Voltage Accuracy
±5% max.
Line Voltage Regulation
low line to high line, full load and 1%Vin
±1.2% typ.
Load Voltage Regulation
10% to 100% load
±6% typ. / ±10% max.
RxxP22005D
Series
Tolerance Envelope
10
-5%
-1%
-1%
+5%
+10%
Typical Load Line
+5%
Vnom
50
100
10
-5%
-2%
-2%
+5%
+10%
Typical Load
Line
+7%
Vnom
50
100
Load [%]
Load [%]
Specifications (measured at TA= 25°C, nominal Input and full load after warm-up time unless otherwise noted)
Efficiency vs. Load
Load [%]
0
0
20
40
60
80
100
20
40
60
80
100
5Vin
12Vin
24Vin
5Vout
20Vout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com