Electronic Components Datasheet Search
  English  ▼

X  

MBR1100 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR1100
Description  SCHOTTKY BARRIER RECTIFIER 1.0 AMPERE 100 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1100 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR1100 Datasheet HTML 1Page - ON Semiconductor MBR1100 Datasheet HTML 2Page - ON Semiconductor MBR1100 Datasheet HTML 3Page - ON Semiconductor MBR1100 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR1100
http://onsemi.com
2
THERMAL CHARACTERISTICS (See Note 2)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
See Note 1
°C/W
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage *
(iF = 1 A, TL = 25°C)
(iF = 1 A, TL = 100°C)
VF
0.79
0.69
Volt
Maximum Instantaneous Reverse Current @ Rated dc Voltage *
(TL = 25°C)
(TL = 100°C)
iR
0.5
5.0
mA
* Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
{
Figure 3. Current Derating
(Mounting Method 3 per Note 1)
Figure 4. Power Dissipation
0.6
0.9
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
20
10
2.0
5.0
1.0
VR, REVERSE VOLTAGE (VOLTS)
60
90
0
0.2
0.04
0.02
0.01
120
160
0
TA, AMBIENT TEMPERATURE (°C)
4.0
3.0
2.0
1.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
4.0
3.0
2.0
1.0
0
2.0
140
0.5
0.2
0.1
0.3
0.1 0.2
0.4 0.5
0.7 0.8
70
80
10
20
30
40
50
0.1
0.4
1.0
20
40
60
80
100
3.0
4.0
5.0
0.05
0.02
1.1
1.4
1.0
1.2 1.3
100
4.0
2.0
10
20
100
40
200
1 K
400
200
180
SQUARE WAVE
dc
SQUARE WAVE
dc
TJ = 150°C
100°C
25°C
TJ = 150°C
125°C
100°C
{ The curves shown are typical for the highest voltage
device in the voltage grouping. Typical reverse current for
lower voltage selections can be estimated from these
same curves if VR is sufficiently below rated VR.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com