Electronic Components Datasheet Search
  English  ▼

X  

SCA55AA Datasheet(PDF) 1 Page - SanRex Corporation

Part # SCA55AA
Description  THYRISTOR MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SCA55AA Datasheet(HTML) 1 Page - SanRex Corporation

  SCA55AA Datasheet HTML 1Page - SanRex Corporation SCA55AA Datasheet HTML 2Page - SanRex Corporation SCA55AA Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCA
(SCE)55AA
THYRISTOR MODULE
■Internal Configurations 内部結線図
UL; E76102
(M)
80
69±0.5
93±1
24.5
φ6.5
3-M5
20
13
2.8×0.8
20
Unit
単位:mm
SCA
(SCE)55AA
《Advantages》
《特長》
• Isolated package
• 絶縁型
• IT(AV) 55A
• 平均電流 55A
• di/dt 140A/µs
• 定格臨海
電流上昇率 140A/µs
• dv/dt 1000V/µs
• 定格臨海
電圧上昇率 1000V/µs
《Applications》
《用途》
• various rectifiers, Motor drives, Heater
controls, Static switches
• 各種整流器、
制御、
制御、
静止型
■Maximum Ratings
 最大定格
(Unless otherwise specified Tj=25℃/指定なき場合はTj=25℃とする)
Symbol
記号
Item
項 目
Ratings
 定格値
Unit
単位
SCA55AA160
SCE55AA160
VRRM
*Repetitive Peak Reverse Voltage
*定格ピーク繰返し逆電圧
1600
V
VRSM
*Non-Repetitive Peak Reverse Voltage
*定格ピーク非繰返し逆電圧
1700
V
VDRM
Repetitive Peak Off-state Voltage
定格ピーク繰返しオフ電圧
1600
V
Symbol 記号
Item 項 目
Conditions 条 件
Ratings 定格値 Unit 単位
IT(AV)
IF(AV)
*Average On-state Current
*定格平均オン(順)電流
Single phase, half wave, 180
°conduction,
単相半波平均値180°導通角 ケース温度 Tc=95℃
55
A
IT(RMS)
IF(RMS)
*R.M.S. On-state Current
*定格実効オン(順)電流
Single phase, half wave, 180
°conduction,
単相半波実効値180°導通角 ケース温度 Tc=95℃
86
A
ITSM
IFSM
*Surge On-state Current
*定格サージオン(順)電流
½cycle, 50/60Hz, Peak value, non-repetitive
50/60Hz
 ½
サイクル正弦波 波高値 非繰返し
1370/1500
A
I2t
*I2t
(for fusing)
*電流二乗時間積
Value for one cycle surge current
1
サイクルサージオン電流に対する値
9380
A2s
PGM
Peak Gate Power Dissipation
定格ピークゲート損失
10
W
PG(AV)
Average Gate Power Dissipation
定格平均ゲート損失
1
W
IFGM
Peak Gate Current
定格ピークゲート順電流
3
A
VFGM
Peak Gate Voltage
(Forward)
定格ピークゲート順電圧
10
V
VRGM
Peak Gate Voltage
(Reverse)
定格ピークゲート逆電圧
5
V
di/dt
Critical Rate of Rise of On-state Current
定格臨界オン電流上昇率
IG
=100mA, VD=½VDRM, dIG/dt=0.1A/μs
140
A/
μs
VISO
*Isolation Breakdown Voltage
(R. M. S.)
*絶縁耐圧
A.C. 1minute
実効値,A.C.1分間
2500
V
Tj
*Operating Junction Temperature
*定格接合部温度
-40~+130
℃
Tstg
*Storage Temperature
 *保存温度
-40~+125
℃
Mounting Torque
締付トルク
Mounting
(M5)取付
Recommended value
推奨値
1.5
~2.5(15~25)
2.7
(28)
N
・m
(kgf・cm)
Terminal
(M5)端子
Recommended value
推奨値
1.5
~2.5(15~25)
2.7
(28)
Mass
 質量
Typical value
 標準値
90
g
SCA
(K1)5
(G1)4
(K2)7
(G2)6
2
1
3
(A1K2)
(A2)
(K1)
SCE
(K1)5
(G1)4
(A2)
(A1K2)
(K1)
2
1
3
(SCA55AA-S79-1303)


Similar Part No. - SCA55AA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SCA5.0CA MCC-SCA5.0CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SCA51CA MCC-SCA51CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Infinite Electronics In...
SCA52086 FAIRVIEW-SCA52086 Datasheet
535Kb / 4P
SMA Male to SMA Male Cable FM-F086 Coax
REV 1.2
logo
Micro Commercial Compon...
SCA54CA MCC-SCA54CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SCA58CA MCC-SCA58CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SCA55AA

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com