Electronic Components Datasheet Search
  English  ▼

X  

RACD35-A Datasheet(PDF) 1 Page - Recom International Power

Part # RACD35-A
Description  35 Watt PFC Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD35-A Datasheet(HTML) 1 Page - Recom International Power

  RACD35-A Datasheet HTML 1Page - Recom International Power RACD35-A Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RACD35-A
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
35 Watt PFC
Single
Output
Selection Guide
Description
Input Voltage Range
90-305 VAC
Input Frequency Range
47-63Hz
Power Factor
Full Load, 277VAC
>0.90
Full Load, 230VAC
>0.95
Full Load, 110VAC
>0.98
AC Input Current
110VAC
0.5A
230VAC
0.3A
Inrush Current (Max.)
264VAC
Cold Start 60A
Leakage Current
230VAC
<0.25mA
Output Current Accuracy (includes Line Regulation, Load Regulation and set-up tolerance)
±5%
Isolation Voltage
3.75kVAC / 1minute
Short Circuit Protection
Hiccup mode & recovers after fault condition removed
Over Voltage Protection
115% - 135% Output Voltage
Latch Mode
Over Temperature Protection
Thermistor
105°C ± 10°C
Type
Latch Mode
Dimming Control:
PWM
1<Adj<10V(500Hz - 3kHz)
Analogue
control by external voltage 1-10VDC
Resistance
10K - 100K
Ω
Set Up Time
Full Load, 230VAC
2 sec
Storage Humidity
10% - 95% RH
Operating Humidity
20% - 95% RH Non-Condensing
Weight
384g
Dimension (LxBxH)
110 x 73.5 x 33mm
Operating Temperature Range
Full load
-20°C to +50°C
(free air convection - 10LFM)
Case Temperature
85°C ± 10°C
Storage Temperature
-40°C to +80°C
IP Rating
IP67
Isolation Resistance
500VDC
100M
Ω
MTBF (+25°C)
using MIL-HDBK 217F
200 x 10³ hours
Certifications:
UL Standards
Report: E340696
UL8750, (based on) UL1310
Safety Standards
Report: P201403013
EN61347-1; EN61347-2-13
continued on next page
Specifications (measured at 240VAC and 25°C ambient temperature)
● 35W Class II AC-DC LED Power Supply
● 500, 700, 1000, 1400mA or 2500mA Output
● Active Power Factor Correction >0.90
● Efficiency up to 83%
● IP67 Certified
● 3 in 1 Dimming
Features
LED DRIVER
Part
Rated
Output
Output
Efficiency
Number
Power
Current
Voltage
(typ.)
(W)
(mA)
(VDC)
(%)
RACD35-500A
28.5
500
48 - 57
82
RACD35-700A
33,6
700
33 - 48
79
RACD35-1000A
36
1000
24 - 36
82
RACD35-1400A
33.6
1400
12 - 24
81
RACD35-2500A
30
2500
9 - 12
80
UL8750 Certified
EN61347 Certified
EN55015 Certified
EN61547 Certified
100%
20%
40%
60%
80%
-20
0
20
50
Ambient Temperature (°C)
Load
AC 100V - 295V
Horizontal
RoHS
2011/65/EU
6/6
E340696
Refer to Application Notes
Note:
All LED Drivers may not be used without a
load. They must be switched on the primary
side only. Noncompliance may damage the
LED or reduce its lifetime.
The 35W LED drivers of the RACD35-A series come with a 3-in-1 dimming function so that the LED load can
be dimmed with analog (1-10V), PWM, or resistor inputs. Due to wide input voltage range of 90 - 305VAC
these LED drivers are suitable for worldwide use. They operate with efficiencies of up to 83%, feature active
PFC, and are fully protected against short circuit, overvoltage, and over-temperature conditions.
They are sealed against damp and wet conditions, and the warranty is 5 years
.
Derating-Graph
(Ambient Temperature)
L-46
www.recom-power.com
REV: 0/2015


Similar Part No. - RACD35-A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30-500 RECOM-RACD30-500 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30-500 RECOM-RACD30-500 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30-500 RECOM-RACD30-500 Datasheet
96Kb / 2P
30W Class II AC-DC LED Power Supply
RACD30-700 RECOM-RACD30-700 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
More results

Similar Description - RACD35-A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
12 Watt PFC Single Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
20 Watt PFC Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
45 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
60 Watt PFC Single Output
logo
Artesyn Technologies
LCB35D ARTESYN-LCB35D Datasheet
476Kb / 3P
35 Watt Single Output Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com