Electronic Components Datasheet Search
  English  ▼

X  

DS2740BU Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2740BU
Description  High-Precision Coulomb Counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2740BU Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2740BU Datasheet HTML 7Page - Dallas Semiconductor DS2740BU Datasheet HTML 8Page - Dallas Semiconductor DS2740BU Datasheet HTML 9Page - Dallas Semiconductor DS2740BU Datasheet HTML 10Page - Dallas Semiconductor DS2740BU Datasheet HTML 11Page - Dallas Semiconductor DS2740BU Datasheet HTML 12Page - Dallas Semiconductor DS2740BU Datasheet HTML 13Page - Dallas Semiconductor DS2740BU Datasheet HTML 14Page - Dallas Semiconductor DS2740BU Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DS2740
13 of 15
READ-TIME SLOTS
A read-time slot is initiated when the bus master pulls the 1-Wire bus line from a logic-high level to a
logic-low level. The bus master must keep the bus line low for at least 1ms and then release it to allow the
DS2740 to present valid data. The bus master can then sample the data tRDV from the start of the read-
time slot. By the end of the read-time slot, the DS2740 releases the bus line and allows it to be pulled
high by the external pullup resistor. All read-time slots must be tSLOT in duration with a 1ms minimum
recovery time, tREC, between cycles. See Figure 12 for more information.
Figure 12. 1-WIRE WRITE- AND READ-TIME SLOTS
LINE TYPE LEGEND:
Bus master active low
DS2740 active low
Resistor pullup
Both bus master and
DS2740 active low
tSLOT
VPULLUP
GND
READ 0 SLOT
READ 1 SLOT
tSLOT
tREC
>1
ms
tRDV
Master Sample Window
Master Sample Window
tRDV
VPULLUP
GND
tSLOT
Standard
tLOW1
tSLOT
WRITE 0 SLOT
WRITE 1 SLOT
tLOW0
tREC
>1
ms
DS2740 Sample Window
MIN
TYP
MAX
15
ms
15
ms
30
ms
DS2740 Sample Window
MIN
TYP
MAX
15
ms
15
ms
30
ms
2
ms
Overdrive
Mode
1
ms
3
ms
1
ms
2
ms
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com