Electronic Components Datasheet Search
  English  ▼

X  

75N10 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 75N10
Description  Fast Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

75N10 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  75N10 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 75N10 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
75N10
·DESCRIPTION
·Drain Current ID= 75A@ TC=25℃
·Drain Source Voltage-
: VDSS= 100V(Min)
·Fast Switching Speed
·APPLICATIONS
·General purpose power amplifier
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
100
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
75
A
ID(puls)
Pulse Drain Current
200
A
Ptot
Total Dissipation@TC=25℃
250
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.62
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
80
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 75N10

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
75N10 NELLSEMI-75N10 Datasheet
412Kb / 8P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
75N10 ISC-75N10_17 Datasheet
282Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - 75N10

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com