Electronic Components Datasheet Search
  English  ▼

X  

RACT20-350 Datasheet(PDF) 1 Page - Recom International Power

Part # RACT20-350
Description  20W Triac Dimmable LED Driver Selection Guide
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT20-350 Datasheet(HTML) 1 Page - Recom International Power

  RACT20-350 Datasheet HTML 1Page - Recom International Power RACT20-350 Datasheet HTML 2Page - Recom International Power RACT20-350 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RACT20
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
20W Triac
Dimmable
LED Driver
Selection Guide
Input Voltage Range
RACT20-xxxx
180-264VAC
RACT20-xxxx-US
90-135VAC
Rated Power
20W max.
Output Current Accuracy
±5% max.
Input Current
115VAC
0.4A max.
230VAC
0.2A max.
Input Frequency Range
47-63Hz
Power Factor
Full Load
>0.95
THD
Full Load, 115VAC
8% max.
Full Load, 230VAC
11% max.
Leakage Current
<0.75mA
Open Circuit Voltage
350mA
60VDC max.
(No Load Vout)
500mA
44VDC max.
700mA
33VDC max.
1050mA
22VDC max.
Output Ripple and Noise
350mA, 500mA
4.5Vp-p max.
700mA, 1050 mA
4.0Vp-p max.
Short Circuit Protection
Hiccup mode, Auto recovery
Overtemperature Protection
95°C ±10°C (RT1) Hiccup mode, Auto recovery
Isolation Voltage
3.75kVAC / 1 minute
Efficiency at Full Load
see selection guide
Dimming
AC phase-cut dimming, work with leading/trailing edge dimmers
Operating Temperature Range
Ambient Temperature
-30°C to +50°C
(free air convection, according to CE/UL) Case Temperature
85°C max.
Operating Temperature Range
Ambient Temperature
-30°C to +50°C
(free air convection, according to ENEC) Case Temperature
80°C max.
continued on next page
Specifications (typical at 25°C, nominal input voltage, rated output current unless otherwise specified)
Description
The RACT20 series is a constant current dimmable AC/DC source for driving high power LED applications.
The phase angle dimming function works with leading or trailing edge dimmers. This driver is suitable for indoor
LED lighting systems and powers 5-15 high power LEDs or single LED arrays from 350mA up to 1A.
● 20W Dimmable AC-DC LED Power Supply
● 350mA, 500mA, 700mA or 1050mA Outputs
● ENEC, UL, RCM and CB Certified
● Deep Dimming to 0% *
● Active Power Factor Correction >0.95
● 3.75kVAC Isolation
● Output Connector to avoid miswiring
● 5 Year Warranty
Features
LED DRIVER
Part
Input
Output
Output
Dimming
Efficiency
Max.
Number
Voltage
Current
Voltage
Control
typ.
#
(VAC)
(mA)
(VDC)
(%)
LEDs
RACT20-350
230
350
30-56
Triac
82
15 x 1W
RACT20-500
230
500
21-39
Triac
82
12 x 1W
RACT20-700
230
700
15-28
Triac
81
8 x 2W, 8+8 x 1W
RACT20-1050
230
1050
12-18
Triac
81
5 x 3W, 5+5 x 2W
RACT20-350-US
115
350
30-56
Triac
82
15 x 1W
RACT20-500-US
115
500
21-39
Triac
82
12 x 1W
RACT20-700-US
115
700
15-28
Triac
81
8 x 2W, 8+8 x 1W
RACT20-1050-US
115
1050
12-18
Triac
81
5 x 3W, 5+5 x 2W
UL-8750 certified
UL-60950-1 certified
European Version only:
ENEC 61347 certified
100
60
20
40
50
25
0
-30
75
Ambient Temperature °C
0
80
Safe Operating
Area
E340696
RoHS
2011/65/EU
6/6
Refer to Application Notes
* only US-Versions
Derating-Graph
(Ambient Temperature)
*
www.recom-power.com
L-33
REV: 0/2015


Similar Part No. - RACT20-350

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACT25 RECOM-RACT25 Datasheet
389Kb / 5P
25 Watt TRIAC Dimmable Single Output
RACT25-1050 RECOM-RACT25-1050 Datasheet
389Kb / 5P
25 Watt TRIAC Dimmable Single Output
RACT25-500 RECOM-RACT25-500 Datasheet
389Kb / 5P
25 Watt TRIAC Dimmable Single Output
RACT25-700 RECOM-RACT25-700 Datasheet
389Kb / 5P
25 Watt TRIAC Dimmable Single Output
More results

Similar Description - RACT20-350

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Fairchild Semiconductor
AN-9745 FAIRCHILD-AN-9745 Datasheet
1Mb / 11P
Design Guide for TRIAC Dimmable LED Driver Using FL7730
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
18W Triac Dimmable LED Driver
logo
Cirrus Logic
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com