Electronic Components Datasheet Search
  English  ▼

X  

BA7609 Datasheet(PDF) 4 Page - Rohm

Part # BA7609
Description  Video signal switcher
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7609 Datasheet(HTML) 4 Page - Rohm

  BA7609 Datasheet HTML 1Page - Rohm BA7609 Datasheet HTML 2Page - Rohm BA7609 Datasheet HTML 3Page - Rohm BA7609 Datasheet HTML 4Page - Rohm BA7609 Datasheet HTML 5Page - Rohm BA7609 Datasheet HTML 6Page - Rohm BA7609 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Multimedia ICs
BA7609 / BA7609F
•Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
5.0
5.5
V
—
ICC
—
12.5
20.0
mA
—
Vom
2.6
2.9
—
VP-P
Vom
2.7
3.0
—
VP-P
GV
– 0.5
0
dB
—
– 65
—
dB
Gf
– 3
0
dB
ZIN
14
20
26
k
Ω
THD
—
0.007
—
%
VTH
2.0
2.5
3.0
V
—
CT
10MHz / 1MHz, VIN = 1VP-P
f = 1MHz, VIN = 1VP-P
f = 4.43MHz, VIN = 1VP-P
0.5
1
non-clamped input
f = 1kHz, 1VP-P non-clamped input
f = 1kHz, THD = 0.5% non-clamped input
f = 1kHz, THD = 0.5% clamped input
Operating voltage
Supply current
Maximum output level 1
Maximum output level 2
Voltage gain
Interchannel crosstalk
Frequency characteristic
Input impedance
Total-harmonic distortion
CTL pin switch level
Note: Refer to the measurement circuit given in Fig. 1.
•Reference data
Pin DC voltages (reference values)
1
2.48
9
2.05
2
4.91
10
0
3
1.76
11
2.48
4
0
12
4.91
5
1.76
13
5.00
6
0.65
14
2.48
7
4.91
15
0
8
2.05
16
2.48
Pin No.
DC voltage
DC voltage
Pin No.
Units: Vdc
Electrical characteristics
Parameter
0.49
0.65
0.80
Vdc
—
20k
—
Ω
—
1.7M
—
Ω
—
30
—
Ω
Min.
Typ.
Max.
Unit
The input coupling capacitor values should be 0.1
µF to 1µF.
Sync tip clamp level
Input impedance (no clamp)
Input impedance (with clamp)
Output impedance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com