Electronic Components Datasheet Search
  English  ▼

X  

LT1089 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1089
Description  High Side Switch Utilizing Bipolar Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1089 Datasheet(HTML) 8 Page - Linear Technology

  LT1089 Datasheet HTML 1Page - Linear Technology LT1089 Datasheet HTML 2Page - Linear Technology LT1089 Datasheet HTML 3Page - Linear Technology LT1089 Datasheet HTML 4Page - Linear Technology LT1089 Datasheet HTML 5Page - Linear Technology LT1089 Datasheet HTML 6Page - Linear Technology LT1089 Datasheet HTML 7Page - Linear Technology LT1089 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LT1089
8
1089fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LW/TP 1002 1K REV A • PRINTED IN USA
 LINEAR TECHNOLOGY CORPORATION 1989
PART NUMBER
DESCRIPTION
COMMENTS
LTC1155
Dual High Side Micropower MOSFET Driver
No External Charge Pump Required; N-Channel MOSFET
LT1160/LT1162
Half/Full-Bridge N-Channel MOSFET Drivers
60V Floating Switch; Prevent Shoot Through
LTC1693
High Speed Single/Dual N-Channel MOSFET Drivers
SO-8; 1.5A Peak Output Current
LTC1693-5
High Speed Single P-Channel MOSFET Driver
16ns Rise/Fall Times at VCC = 12V, CL = InF
LTC1710
SMBus Dual High Side Switch
Two 0.4Ω/300mA N-Channel Switches
LTC1981/LTC1982
Single and Dual Micropower High Side Switch Controllers in SOT-23
No External Components Required
LTC4412
Low Loss PowerPath Controller
Automatic Switching Between DC Sources
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com