Electronic Components Datasheet Search
  English  ▼

X  

MJF32C Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF32C
Description  3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF32C Datasheet(HTML) 2 Page - ON Semiconductor

  MJF32C Datasheet HTML 1Page - ON Semiconductor MJF32C Datasheet HTML 2Page - ON Semiconductor MJF32C Datasheet HTML 3Page - ON Semiconductor MJF32C Datasheet HTML 4Page - ON Semiconductor MJF32C Datasheet HTML 5Page - ON Semiconductor MJF32C Datasheet HTML 6Page - ON Semiconductor MJF32C Datasheet HTML 7Page - ON Semiconductor MJF32C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJF31C* (NPN), MJF32C* (PNP)
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Thermal Resistance, Junction to Case
R
θJC
4.46
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (Note 2)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
–
Vdc
Collector Cutoff Current
(IC = 3.0 Adc, VCE = 4.0 Vdc)
ICEO
–
0.3
mAdc
Collector Cutoff Current
ICES
–
200
µAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
–
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc)
(IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
25
10
–
50
–
Collector–Emitter Saturation Voltage (IC = 3.0 Adc, IB = 375 mAdc)
VCE(sat)
–
1.2
Vdc
Base–Emitter On Voltage (IC = 3.0 Adc, VCE = 4.0 Vdc)
VBE(on)
–
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain – Bandwidth Product (IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
–
MHz
Small–Signal Current Gain (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
–
–
2. Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com