Electronic Components Datasheet Search
  English  ▼

X  

CER0213C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0213C
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0213C Datasheet(HTML) 2 Page - CTS Corporation

  CER0213C Datasheet HTML 1Page - CTS Corporation CER0213C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0213C
1960 MHz Monoblock LR Series BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE - Albuquerque, NM 87113 -
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
3.1
REEL QUANTITY
ea.
500
Revision A – Origin Date: July 26, 2011 – Revision Date: July 26, 2011
-80
-70
-60
-50
-40
-30
-20
-10
0
1810
1840
1870
1900
1930
1960
1990
2020
2050
2080
2110
-40
-30
-20
-10
0
10
20
30
40
IN
OUT
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
B
27.9
max
C
7.23
0.25
D
15.97
0.13
F
1.14
0.13
G
1.02
0.13
H
1.02
0.13
I
1.14
0.13
J
7.0
max
K
5.9
max
L
6.2
max
CTS
13C
YWW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com