Electronic Components Datasheet Search
  English  ▼

X  

DRS1B Datasheet(PDF) 1 Page - Leshan Radio Company

Part # DRS1B
Description  Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DRS1B Datasheet(HTML) 1 Page - Leshan Radio Company

  DRS1B Datasheet HTML 1Page - Leshan Radio Company DRS1B Datasheet HTML 2Page - Leshan Radio Company DRS1B Datasheet HTML 3Page - Leshan Radio Company DRS1B Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Capable of meeting environmental standards
of MIL-S-19500
* Fast switching for high efficiency
* Diffused junction
* 1.0 A operation at TA=75°C with no thermal runaway
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
2.Mechanical Data
Case
: JEDEC DO-214AC, molded plastic body
Terminals
:Solderable per MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.003 oz., 0.085 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
DRS1A DRS1B DRS1D DRS1G DRS1J DRS1K DRS1M
Unit
S1A
S1B
S1D
S1G
S1J
S1K
S1M
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Maximum thermal resistance
RθJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
DRS1A DRS1B DRS1D DRS1G DRS1J DRS1K DRS1M
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
15.0
Marking
65
5.0
200
150
500
DRS1A thru DRS1M
1.3
1.0
25
–50 to +150
Reverse Voltage 50 to 1000V
Forward Current 1.0A
Surface Mount
Fast Recovery Rectifiers
LESHAN RADIO COMPANY, LTD.
* We declare that the material of product compliance
with RoHS requirements.
1/
3


Similar Part No. - DRS1B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
DRS1B TAYCHIPST-DRS1B Datasheet
4Mb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Leshan Radio Company
DRS1B LRC-DRS1B Datasheet
212Kb / 4P
Surface Mount Fast Recovery RectifiersReverse Voltage 50 to 1000V Forward Current 1.0A
DRS1B LRC-DRS1B Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1B LRC-DRS1B Datasheet
533Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
AiT Semiconductor Inc.
DRS1BF AITSEMI-DRS1BF Datasheet
579Kb / 5P
FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
More results

Similar Description - DRS1B

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
1F1 LRC-1F1_14 Datasheet
225Kb / 7P
Fast Recovery ectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFM101 LRC-FFM101_14 Datasheet
71Kb / 4P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1G LRC-DRS1G Datasheet
212Kb / 4P
Surface Mount Fast Recovery RectifiersReverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com