Electronic Components Datasheet Search
  English  ▼

X  

FFMAF202 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FFMAF202
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFMAF202 Datasheet(HTML) 1 Page - Leshan Radio Company

  FFMAF202 Datasheet HTML 1Page - Leshan Radio Company FFMAF202 Datasheet HTML 2Page - Leshan Radio Company FFMAF202 Datasheet HTML 3Page - Leshan Radio Company FFMAF202 Datasheet HTML 4Page - Leshan Radio Company FFMAF202 Datasheet HTML 5Page - Leshan Radio Company FFMAF202 Datasheet HTML 6Page - Leshan Radio Company FFMAF202 Datasheet HTML 7Page - Leshan Radio Company FFMAF202 Datasheet HTML 8Page - Leshan Radio Company FFMAF202 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
Mechanical Data
Case
: JEDEC SMA-FL, molded plastic over glass DIE
We declare that the material of product is
Terminals
: Plated leads, solderable per
Haloggen free (green epoxy compound)
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.0327g
Handling precautin
:None
Electrical Characteristic
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FFMAF
201
FFMAF
202
FFMAF
203
FFMAF
204
FFMAF
205
FFMAF
206
FFMAF
207
FFMAF
207P
FFMAF
207T
Unit
Device marking code
FF21
FF22
FF23
FF24
FF25
FF26
FF27 FF27P FF27T
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
1000
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1000
1000
V
Maximum average forward rectified current
lead length at TC = 75°C(Note 2)
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical reverse recovery time (Note 1)
trr
250
250
160
ns
Typical thermal resistance (Note 2)
RθJA
RθJC
°C/W
Operating junction temperature range
TJ
°C
storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FFMAF
201
FFMAF
202
FFMAF
203
FFMAF
204
FFMAF
205
FFMAF
206
FFMAF
207
FFMAF
207P
FFMAF
207T
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TJ= 25°C
at rated DC blocking voltage TJ = 125°C
IR
µA
Typical junction capacitance at 4.0V, 1MHz (Note 2)
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. 8.0mm
2 (.013mm thick) land areas
150
25
5.0
100
15.0
FFMAF201 thru FFMAF207T
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
Reverse Voltage 50 to 1000V Forward Current 2.0A
2.0
60
–55 to +150
150
500
–65 to +175
1.3


Similar Part No. - FFMAF202

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
FFMAF207L LRC-FFMAF207L_15 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
FFMAF207T LRC-FFMAF207T_15 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
More results

Similar Description - FFMAF202

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SODF151-SH LRC-SODF151-SH Datasheet
187Kb / 7P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SODF157-SH LRC-SODF157-SH Datasheet
172Kb / 7P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com