Electronic Components Datasheet Search
  English  ▼

X  

REDIN60 Datasheet(PDF) 5 Page - Recom International Power

Part # REDIN60
Description  60 Watt DIN-Rail Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN60 Datasheet(HTML) 5 Page - Recom International Power

  REDIN60 Datasheet HTML 1Page - Recom International Power REDIN60 Datasheet HTML 2Page - Recom International Power REDIN60 Datasheet HTML 3Page - Recom International Power REDIN60 Datasheet HTML 4Page - Recom International Power REDIN60 Datasheet HTML 5Page - Recom International Power REDIN60 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AC/DC Converter
PA-5
REV.: 3/2016
www.recom-power.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm up)
REDIN60
Series
7.5±0.2
101.2
45.1
75±0.3
35±0.1
DIN-RAIL mounting bracket
(75mm) included
SIDE MOUNTING
END MOUNTING
18±0.2
1±0.05
25.0
25.0
6.3±0.2
Side Latch
Release
End Latch
Release
Front Side
Front Side
DC OK
DC OK
DC OK
TRIM
Tolerance: ±0.5mm
FG N L
+V -V
FG N L
+V -V
Dimension Drawing (mm)
INSTALLATION
continued on next page
Mounting Instruction
Mounting
„Click“
Front Side
1
2
Releasing
Front Side
1
2
FG N L
FG N L
7.5±0.2
101.2
45.1
75±0.3
35±0.1
DIN-RAIL mounting bracket
(75mm) included
SIDE MOUNTING
END MOUNTING
18±0.2
1±0.05
25.0
25.0
6.3±0.2
Side Latch
Release
End Latch
Release
Front Side
Front Side
DC OK
DC OK
DC OK
TRIM
Tolerance: ±0.5mm
FG N L
+V -V
FG N L
+V -V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com