Electronic Components Datasheet Search
  English  ▼

X  

REPOT1-10 Datasheet(PDF) 1 Page - Recom International Power

Part # REPOT1-10
Description  Electronic Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REPOT1-10 Datasheet(HTML) 1 Page - Recom International Power

  REPOT1-10 Datasheet HTML 1Page - Recom International Power REPOT1-10 Datasheet HTML 2Page - Recom International Power REPOT1-10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-1
REV.: 0/2015
www.recom-power.com
Refer to Applications Notes
Electronic
Potentio-
meter
DIMMER
Features
LED
Dimmer
• suitable for 1-10V dimmable LED drivers
• with pressure two-way switch and thermal link
REPOT
EN60669-1 compliant
EN60669-2-1 compliant
Description
The new REPOT01-10 is an electronic Potentiometer which is the perfect complement to our upcoming
LED drivers RACD45-A, RACD60-A, RACD100-A and RACD150-A. It is also possible to power any LED
Driver that offers a 1-10V dimming input because it works as a current sink and not as an ordinary
potentiometer. The REPOT includes an adjustable minimum dimming level and a switch contact to turn
off the driver completely. The warranty is 5 years.
Selection Guide
Part
Input
Dim Control
Dim Control
Number
Voltage Range
Current
Voltage
(VAC)
(mA)
(VDC)
REPOT1-10
198-264
40
1-10
5 YEAR
warranty
5
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
PROTECTION
Parameter
Type
Value
Input Fuse (1)
0.8A, slow blow
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
max. Case Temperature Range
with derating
-10°C to +80C, Ambient
80°C max.
SAFETY AND CERTIFICATIONS
Certificate Type (compliant)
Standard
Switches for household and similar fixed-electrical installations - General requirements
EN-60669-1:2008
Switches for household and similar fixed electrical installations - Particular requirements EN-60669-2-1:2010
-20
100
80
60
40
20
35
0
0
20
40
60
80
100
Ambient Temperature (°C)
Derating Graph
Notes:
Note1:
Each dimmer contains a spare fuse inside the white protective cover.


Similar Part No. - REPOT1-10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
suitable for 1-10V dimmable LED drivers
More results

Similar Description - REPOT1-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1074A PHILIPS-TDA1074A Datasheet
167Kb / 15P
Dual tandem electronic potentiometer circuit
December 1982
logo
Rohm
BU9831 ROHM-BU9831 Datasheet
149Kb / 13P
Non-volatile electronic potentiometer
logo
Summit Microelectronics...
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
logo
Productwell Precision E...
PTHHPB PRODUCTWELL-PTHHPB Datasheet
86Kb / 1P
POTENTIOMETER
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K_15 Datasheet
782Kb / 6P
A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
RK14K ALPS-RK14K_15 Datasheet
797Kb / 6P
A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com