Electronic Components Datasheet Search
  English  ▼

X  

AD8510AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD8510AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8510AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8510AR Datasheet HTML 5Page - Analog Devices AD8510AR Datasheet HTML 6Page - Analog Devices AD8510AR Datasheet HTML 7Page - Analog Devices AD8510AR Datasheet HTML 8Page - Analog Devices AD8510AR Datasheet HTML 9Page - Analog Devices AD8510AR Datasheet HTML 10Page - Analog Devices AD8510AR Datasheet HTML 11Page - Analog Devices AD8510AR Datasheet HTML 12Page - Analog Devices AD8510AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 9 of 20
FREQUENCY (Hz)
1k
–30
–20
–10
10k
0
10
30
1M
10M
50M
40
50
20
60
70
100k
VSY = ±15V, ±5V
AV = 100
AV = 1
AV = 10
Figure 19. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
100
1k
0
40
10k
10M
100M
60
80
20
100
120
100k
1M
VSY = ±15V
Figure 20. CMRR vs. Frequency
FREQUENCY (Hz)
100
1k
0
40
10k
10M
100M
60
80
20
100
120
100k
1M
–20
–PSRR
+PSRR
VSY = ±5V, ±15V
Figure 21. PSRR vs. Frequency
FREQUENCY (Hz)
100
1k
0
90
10k
10M
100M
150
180
60
270
300
100k
1M
30
120
210
240
AV = 1
AV = 100
AV = 10
VSY = ±15V
VIN = 50mV
Figure 22. Output Impedance vs. Frequency
FREQUENCY (kHz)
0
2.5
0
12
5.0
17.5
22.5
20
8
28
32
7.5
12.5
4
16
24
10.0
15.0
20.0
25.0
VSY = ±5V TO ±15V
Figure 23. Voltage Noise Density
TIME (1s/DIV)
VSY = ±15V
Figure 24. 0.1 Hz to 10 Hz Input Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com