Electronic Components Datasheet Search
  English  ▼

X  

AD9951PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9951PCB
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9951PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9951PCB Datasheet HTML 20Page - Analog Devices AD9951PCB Datasheet HTML 21Page - Analog Devices AD9951PCB Datasheet HTML 22Page - Analog Devices AD9951PCB Datasheet HTML 23Page - Analog Devices AD9951PCB Datasheet HTML 24Page - Analog Devices AD9951PCB Datasheet HTML 25Page - Analog Devices AD9951PCB Datasheet HTML 26Page - Analog Devices AD9951PCB Datasheet HTML 27Page - Analog Devices AD9951PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD9951
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
BOTTOM VIEW
(PINS UP)
TOP VIEW
(PINS DOWN)
0.50
BSC
0.27
0.22
0.17
9.00
BSC SQ
7.00
BSC SQ
37
48
1
13
12
24
25
36
VIEW A
0.75
0.60
0.45
VIEW A
1.05
1.00
0.95
7°
3.5°
0°
SEATING
PLANE
0.15
0.05
EXPOSED
PAD
2.00
SQ
1.20
MAX
COMPLIANT TO JEDEC STANDARDS MS-026-ABC
Figure 28. 48-Lead Thin Plastic Quad Flat Package, Exposed Pad [TQFP/EP] (SV-48)—Dimensions shown in millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
WARNING—Please note that this device in its current form does not meet Analog Devices’ standard requirements for ESD as
measured against the charged device model (CDM). As such, special care should be used when handling this product, especially in
a manufacturing environment. Analog Devices will provide a more ESD hardy product in the near future at which time this warn-
ing will be removed from this data sheet.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Outline
AD9951YSV
–40°C to +105°C
48-Lead Thin Plastic Quad Flat Package, Exposed Pad, TQFP/EP
SV-48
AD9951YSV-REEL7
–40°C to +105°C
48-Lead TQFP/EP (500 Piece REEL7)
SV-48
AD9951/PCB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com