Electronic Components Datasheet Search
  English  ▼

X  

MCRF200I/P14D Datasheet(PDF) 21 Page - Microchip Technology

Part # MCRF200I/P14D
Description  125 kHz microID??Passive RFID Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF200I/P14D Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCRF200I/P14D Datasheet HTML 16Page - Microchip Technology MCRF200I/P14D Datasheet HTML 17Page - Microchip Technology MCRF200I/P14D Datasheet HTML 18Page - Microchip Technology MCRF200I/P14D Datasheet HTML 19Page - Microchip Technology MCRF200I/P14D Datasheet HTML 20Page - Microchip Technology MCRF200I/P14D Datasheet HTML 21Page - Microchip Technology MCRF200I/P14D Datasheet HTML 22Page - Microchip Technology MCRF200I/P14D Datasheet HTML 23Page - Microchip Technology MCRF200I/P14D Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2003 Microchip Technology Inc.
DS21219H-page 21
MCRF200
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
XXX
Configuration/SQTP code
Package
Temperature
Range
Device
Device
MCRF200 = 125 kHz Contactless Programmable MicroID™
tag, 96/128-bit
Temperature Range
I
= -40
°C to +85°C
(Industrial)
Package
WF
=
Sawed wafer on frame (7 mil backgrind)
W
=
Wafer (11 mil backgrind)
S
=
Dice in waffle pack
P
=
Plastic PDIP (300 mil Body) 8-lead
SN
=
Plastic SOIC (150 mil Body) 8-lead
1M
=
0.40 mm (I0A2 package) COB Module w/1000 pF
capacitor
3M
=
0.40 mm (I0A2 package) COB Module with 330
pF capacitor
Configuration
Three-digit HEX value to be programmed into the configura-
tion register. Three HEX characters correspond to 12 binary
bits. These bits are programmed into the configuration
register MSB first (CB12, CB11...CB1). Refer to example.
SQTP Code
An assigned custom, 3-digit code used for tracking and
controlling production and customer data files for factory
programming. In this case the configuration code is not
shown in the part number, but is captured in the SQTP
documentation.
Examples:
a)
MCRF200-I/W00A = 125 kHz, industrial
temperature, wafer package, contactlessly
programmable, 96 bit, FSK Fc/8 Fc/10, direct
encoded, Fc/50 data return rate tag.
b)
MCRF200-I/WFQ23 = 125 kHz, industrial
temperature, wafer sawn and mounted on
frame, factory programmed.
The configuration register is:
CB12 CB11 CB10 CB9 CB8 CB7 CB6 CB5 CB4 CB3 CB2 CB1
0
0
0
0
0
000
10
1
0
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com