Electronic Components Datasheet Search
  English  ▼

X  

AD8512AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD8512AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8512AR Datasheet HTML 12Page - Analog Devices AD8512AR Datasheet HTML 13Page - Analog Devices AD8512AR Datasheet HTML 14Page - Analog Devices AD8512AR Datasheet HTML 15Page - Analog Devices AD8512AR Datasheet HTML 16Page - Analog Devices AD8512AR Datasheet HTML 17Page - Analog Devices AD8512AR Datasheet HTML 18Page - Analog Devices AD8512AR Datasheet HTML 19Page - Analog Devices AD8512AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 16 of 20
PRECISION RECTIFIERS
TIME (1ms/DIV)
Rectifying circuits are used in a multitude of applications. One
of the most popular uses is in the design of regulated power
supplies, where a rectifier circuit is used to convert an input
sinusoid to a unipolar output voltage. There are some potential
problems for amplifiers used in this manner.
When the input voltage (VIN) is negative, the output is zero. The
magnitude of VIN is doubled at the inputs of the op amp. This
voltage can exceed the power supply voltage, which would dam-
age some amplifiers permanently. The op amp must come out of
saturation when VIN is negative. This delays the output signal
because the amplifier requires time to enter its linear region.
The AD8510/AD8512/AD8513 have a very fast overdrive
recovery time, which makes them great choices for the
rectification of transient signals. The symmetry of the positive
and negative recovery times is also important in keeping the
output signal undistorted.
Figure 51. Half-Wave Rectifier Signal (Out A)
TIME (1ms/DIV)
Figure 50 shows the test circuit of the rectifier. The first stage of
the circuit is a half-wave rectifier. When the sine wave applied at
the input is positive, the output follows the input response.
During the negative cycle of the input, the output tries to swing
negative to follow the input, but the power supply restrains it to
zero. In a similar fashion, the second stage is a follower during
the positive cycle of the sine wave and an inverter during the
negative cycle.
8
4
2
1
3
1/2
AD8512
4
8
5
7
6
2/2
AD8512
R2
10k
Ω
R3
10k
Ω
R1
1k
Ω
OUT A
(HALF WAVE)
OUT B
(HALF WAVE)
5V
5V
VIN
3V p-p
Figure 52. Full-Wave Rectifier Signal (Out B)
Figure 50. Half-Wave and Full-Wave Rectifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com