Electronic Components Datasheet Search
  English  ▼

X  

CD74HC123 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC123
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC123 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC123 Datasheet HTML 2Page - Texas Instruments CD74HC123 Datasheet HTML 3Page - Texas Instruments CD74HC123 Datasheet HTML 4Page - Texas Instruments CD74HC123 Datasheet HTML 5Page - Texas Instruments CD74HC123 Datasheet HTML 6Page - Texas Instruments CD74HC123 Datasheet HTML 7Page - Texas Instruments CD74HC123 Datasheet HTML 8Page - Texas Instruments CD74HC123 Datasheet HTML 9Page - Texas Instruments CD74HC123 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Switching Specifications Input tr, tf = 6ns, RX = 10KΩ, CX = 0
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNIT
S
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Trigger Propagation Delay
tPLH
CL = 50pF
A, B, R to Q
2
-
-
300
-
375
-
450
ns
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
-
-
-
-
ns
CL = 50pF
6
-
-
51
-
64
-
76
ns
A, B, R to QtPHL
CL = 50pF
2
-
-
320
-
400
-
480
ns
4.5
-
-
64
-
80
-
96
ns
CL = 15pF
5
-
26
-
-
-
-
-
ns
CL = 50pF
6
-
-
54
-
68
-
82
ns
Reset Propagation Delay
tPHL,tPLH
CL = 50pF
2
-
-
215
-
270
-
325
ns
R to Q or Q
4.5
-
-
43
-
54
-
65
ns
6
-
-
37
-
46
-
55
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Output Pulse Width
RX = 10KΩ, CX = 10nF
-
-
5
-
45
-
-
-
-
-
µs
Pulse Width Match Between
Circuits In the Same Package
RX = 10KΩ, CX = 10pF
--
5
-
±2-
-
-
-
-
%
Power Dissipation Capacitance
(Note 4)
CPD
CL = 15pF
5
-
-
-
-
-
-
-
pF
Input Capacitance
CIN
CL = 50pF
-
10
-
10
-
10
-
10
pF
HCT TYPES
Trigger Propagation Delay
A, B, R to Q
tPLH
CL = 50pF
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
-
-
-
-
ns
A, B, R to QtPHL
CL = 50pF
4.5
-
-
68
-
85
-
102
ns
CL =15pF
5
-
27
-
-
-
-
-
ns
Reset Propagation Delay
R to Q or Q
tPHL,tPLH
CL = 50pF
4.5
-
-
48
-
60
-
72
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Output Pulse Width
RX = 10KΩ, CX = 10nF
-
-
5
-
45
-
-
-
-
-
µs
CD54/74HC123, CD54/74HCT123, CD74HC423, CD74HCT423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com