Electronic Components Datasheet Search
  English  ▼

X  

AFC Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # AFC
Description  PowerBlock Micro-Miniature Modular Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AFC Datasheet(HTML) 3 Page - Astrodyne Corporation

  AFC Datasheet HTML 1Page - Astrodyne Corporation AFC Datasheet HTML 2Page - Astrodyne Corporation AFC Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PowerBlock Micro-Miniature Modular Switching Power Supplies
AFC series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
SIDE VIEW
Dim. “H”
.20 (5.08) MIN.
.040 (1.016) DIA.
NOTES:DIMENSIONS ARE IN INCH (mm)
TOLERANCES:
.XXX +/-.02(.508)
.XX +/-.05(1.27)
1.80 (45.72)
2.00 (50.80)
BOTTOM VIEW
ACL
ACN
-Vout
+Vout
.40 (10.16)
.10 (2.54)
MECHANICAL SPECIFICATIONS
POWER BLOCK APPLICATION NOTES
Output Noise
The figure below ia a sample diagram to reduce Output Ripple
and Noise.
C1 = Electrolytic Capacitor
Capacitance = 22uF - 220uF
Voltage = Two times rated output voltage
L1 = 3uH - 10uH
C2 = Electrolytic Capacitor
Capacitance = 22uF - 47uF
Voltage = Two times rated output voltage
C3 = Ceramic Capacitor
Capacitance = 0.01uF - 0.1uF
Voltage = 50 volt
Notes:
1. The use of C1 alone may reduce noise to desired levels,
if not use L1, C2 and C3 in addition to C1.
2. The figure above is a suggested circuit. Only by trying true
application can levels be tested.
EMI
The figure below ia a suggested diagram to reduce
Electromagnetic Interference (EMI).
C1 = 0.22uF X Capacitor
L1 = 10mH - 30mH Common Mode, Choke
C2, C3 = 220pF Y Capacitors
Notes:
The diagram above is a recommended circuit, only by trying
true application can levels be measured.
Inrush Current
If desired, the use of a Choke, NTC or Inrush Current Limiter
may be used to reduce the Inrush Current
Dimension “H”
0.9 (22.86)
5214



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com