Electronic Components Datasheet Search
  English  ▼

X  

ECA5 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # ECA5
Description  5W Ultraminiature Encapsulated Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ECA5 Datasheet(HTML) 4 Page - Astrodyne Corporation

  ECA5 Datasheet HTML 1Page - Astrodyne Corporation ECA5 Datasheet HTML 2Page - Astrodyne Corporation ECA5 Datasheet HTML 3Page - Astrodyne Corporation ECA5 Datasheet HTML 4Page - Astrodyne Corporation ECA5 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
OUTPUTDERATINGCURVE
MECHANICALDIMENSIONS
58.04mm
2.29in
5.1mm
1.77in
45mm
17.5mm
.69in
.85in
21.59mm
7.5mm
.30in
10mm
.39in
10mm
.39in
12.5mm
.49in
17.5mm
.69in
17.5mm
.69in
22.51mm
.89in
1.85in
47mm
.20in
.22in
5.5mm
.04in
1mm
5mm
.20in
Dual
2D outline drawings
B1
MX-5W
Type/Pin#
7
Single
Triple
1
2
3
4
No Pin
5
ACL
8
9
ACL
ACL
ACN
EX-5W
ACN
+Vout
No Pin
ACN
No Pin
No Pin
No Pin
Com
No Pin
+Vout
No Pin
+Vout
No Pin
-Vout
-Vout
Com
+5Vout
-Vout
No Pin
+5VRTN
No Pin
No Pin
add Pin 5 & Pin 9 size
ECA5 series_B
B
6
1 : 1
Erica
2013/8/6
change Length from 57.9mm to 58.04mm
Model
2015/05/20
EXCA 5W series
Tolerance : .XX
± 0.508mm [ 0.02in]
.XXX
± 0.254mm [ 0.01in]
2015/05/26
change tolerance
B2
SHEET
OF
SIZE
REV
DRAWING NO.
DESCRIPTION
DATE
SHEET METAL TOLERANCE
(UNLESS OTHERWISE SPECIFIED)
PIERCING
BENDING
ANGULAR
300<X<800
25<X<100
8<X<25
±0.1
±0.1
±0.15
±0.2
±0.3
±0.25
±0.2
±0.15
±1°
APPROVED
CHECKED
DRAWN
Projection
SCALE
UNIT
MODEL NO.
PART NO.
MATERIAL
TITLE
mm
100<X<300
±0.5°
±0.3
±0.5
±1.5°
±0.5°
±0.3°
X<8
DIMENSION
A4
7
3
9
1
2
4
6
PIN-OUT VIEWED FROM BOTTOM
5
8
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
Ambient Temperature °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com