Electronic Components Datasheet Search
  English  ▼

X  

GS72116AT Datasheet(PDF) 7 Page - GSI Technology

Part # GS72116AT
Description  128K x 16 2Mb Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116AT Datasheet(HTML) 7 Page - GSI Technology

Back Button GS72116AT Datasheet HTML 3Page - GSI Technology GS72116AT Datasheet HTML 4Page - GSI Technology GS72116AT Datasheet HTML 5Page - GSI Technology GS72116AT Datasheet HTML 6Page - GSI Technology GS72116AT Datasheet HTML 7Page - GSI Technology GS72116AT Datasheet HTML 8Page - GSI Technology GS72116AT Datasheet HTML 9Page - GSI Technology GS72116AT Datasheet HTML 10Page - GSI Technology GS72116AT Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Rev: 1.04a 10/2002
7/18
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72116ATP/J/T/U
AC Characteristics
* These parameters are sampled and are not 100% tested.
Read Cycle 1: CE = OE = VIL, WE = VIH, UB and, or LB = VIL
Read Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
7—
8
—
10
—
12
—
ns
Address access time
tAA
—7
—
8
—
10
—
12
ns
Chip enable access time (CE)tAC
—7
—
8
—
10
—
12
ns
Byte enable access time (UB, LB)tAB
—3
—
3.5
—
4
—
5ns
Output enable to output valid (OE)tOE
—3
—
3.5
—
4
—
5ns
Output hold from address change
tOH
3—
3
—
3
—
3
—
ns
Chip enable to output in low Z (CE)
tLZ*
3—
3
—
3
—
3
—
ns
Output enable to output in low Z (OE)
tOLZ*
0—
0
—
0
—
0
—
ns
Byte enable to output in low Z (UB, LB)
tBLZ*
0—
0
—
0
—
0
—
ns
Chip disable to output in High Z (CE)
tHZ*
—3.5
—
4
—
5
—
6ns
Output disable to output in High Z (OE)
tOHZ*
—3
—
3.5
—
4
—
5ns
Byte disable to output in High Z (UB, LB)
tBHZ*
—3
—
3.5
—
4
—
5ns
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com