Electronic Components Datasheet Search
  English  ▼

X  

RP20-F Datasheet(PDF) 2 Page - Recom International Power

Part # RP20-F
Description  20 Watt Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-F Datasheet(HTML) 2 Page - Recom International Power

  RP20-F Datasheet HTML 1Page - Recom International Power RP20-F Datasheet HTML 2Page - Recom International Power RP20-F Datasheet HTML 3Page - Recom International Power RP20-F Datasheet HTML 4Page - Recom International Power RP20-F Datasheet HTML 5Page - Recom International Power RP20-F Datasheet HTML 6Page - Recom International Power RP20-F Datasheet HTML 7Page - Recom International Power RP20-F Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP20-F
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 12V
nom. Vin = 24V
nom. Vin = 48V
9VDC
18VDC
36VDc
12VDC
24VDC
48VDC
18VDC
36VDC
75VDC
Undervoltage Lockout (ULVO)
none
Input Filter(5)
L-C Type
Input Reflected Ripple Current(6)
nominal Vin and full load
20mAp-p
Input Surge Voltage
Vin = 12V, 100ms max.
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
36VDC
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
10ms
10ms
Operating Frequency Range
450kHz
500kHz
550kHz
Minimum Load(7)
Single
Dual
0%
±10%
Optional Output Trim
±10%
Ripple and Noise
measured by 20MHz bandwidth
with a 0.1µF/50V MLCC
Single 3.3Vout
Single 5Vout, 12Vout, 15Vout
60mVp-p
75mVp-p
Dual All
100mVp-p
Remote ON/OFF(8)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 12V
Input current of Remote pin (CTRL)
DC-DC OFF
2.5mA
DC-DC ON
-0.5mA
0.5mA
continued on next page
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note5: An external filter capacitor is required for normal operation. The capacitor should be capable of handling 1A
ripple current for 48V/24V models. RECOM suggest: Nippon chemi-con KY series, 220µF/100V, ESR 90m
Ω.
Note6: Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
Note7: The RP20-F series requires a minimum of 10% loading on the output to maintain specified regulation. Operation
under no-load condition will not damage these devices, however they may not meet all listed specification.
Note8: The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
12Vin
18Vin
Output Current [%]
10
50
40
45
55
60
65
70
75
95
90
85
20
40
60
80
100
30
50
70
90
80
Input Voltage [VDC]
9
80
82
84
86
88
92
11
12
14
16
18
10
13
15
17
90
RP20-1205SF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com