Electronic Components Datasheet Search
  English  ▼

X  

CS5211GDR14 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5211GDR14
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5211GDR14 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5211GDR14 Datasheet HTML 8Page - ON Semiconductor CS5211GDR14 Datasheet HTML 9Page - ON Semiconductor CS5211GDR14 Datasheet HTML 10Page - ON Semiconductor CS5211GDR14 Datasheet HTML 11Page - ON Semiconductor CS5211GDR14 Datasheet HTML 12Page - ON Semiconductor CS5211GDR14 Datasheet HTML 13Page - ON Semiconductor CS5211GDR14 Datasheet HTML 14Page - ON Semiconductor CS5211GDR14 Datasheet HTML 15Page - ON Semiconductor CS5211GDR14 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS5211
http://onsemi.com
13
+
+
COMP
VFFB
VFB
GATE(H)
GATE(L)
VC
VCC
PGND
IS–
ROSC
CS5211
3.3 V/8.0 A
51 k
0.1
µF
LGND
33
µF/25 V × 3
0.22
µF
SENSE+
4.7 k
1.0 k 1.0%
2.9
µH
5.0 V
IS+
SENSE–
100
µF/10 V × 2
SGND
2.32 k 1.0%
0.1
µF
0.1
µF
10
BST
12 V
10
4.7 k
Figure 10. Additional Application Diagram, 12 V to 5.0 V Bias to 3.3 V/8.0 A Converter with
Differential Remote Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com