Electronic Components Datasheet Search
  English  ▼

X  

65HVD05 Datasheet(PDF) 1 Page - Texas Instruments

Part # 65HVD05
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65HVD05 Datasheet(HTML) 1 Page - Texas Instruments

  65HVD05 Datasheet HTML 1Page - Texas Instruments 65HVD05 Datasheet HTML 2Page - Texas Instruments 65HVD05 Datasheet HTML 3Page - Texas Instruments 65HVD05 Datasheet HTML 4Page - Texas Instruments 65HVD05 Datasheet HTML 5Page - Texas Instruments 65HVD05 Datasheet HTML 6Page - Texas Instruments 65HVD05 Datasheet HTML 7Page - Texas Instruments 65HVD05 Datasheet HTML 8Page - Texas Instruments 65HVD05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN65HVD05, SN65HVD06, SN65HVD07
SN75HVD05, SN75HVD06, SN75HVD07
SLLS533B – MAY 2002 – REVISED MAY 2003
HIGH OUTPUT RS-485 TRANSCEIVERS
FEATURES
D Minimum Differential Output Voltage of 2.5 V
Into a 54-
Ω Load
D Open-Circuit, Short-Circuit, and Idle-Bus
Failsafe Receiver
D 1/8th Unit-Load Option Available (Up to 256
Nodes on the Bus)
D Bus-Pin ESD Protection Exceeds 16 kV HBM
D Driver Output Slew Rate Control Options
D Electrically Compatible With ANSI
TIA/EIA-485-A Standard
D Low-Current Standby Mode ... 1 µA Typical
D Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
D Pin Compatible With Industry Standard
SN75176
APPLICATIONS
D Data Transmission Over Long or Lossy Lines
or Electrically Noisy Environments
D Profibus Line Interface
D Industrial Process Control Networks
D Point-of-Sale (POS) Networks
D Electric Utility Metering
D Building Automation
D Digital Motor Control
DESCRIPTION
The
SN65HVD05,
SN75HVD05,
SN65HVD06,
SN75HVD06, SN65HVD07, and SN75HVD07 combine
a 3-state differential line driver and differential line
receiver. They are designed for balanced data
transmission
and
interoperate
with
ANSI
TIA/EIA-485-A and ISO 8482E standard-compliant
devices. The driver is designed to provide a differential
output voltage greater than that required by these
standards for increased noise margin. The drivers and
receivers have active-high and active-low enables
respectively, which can be externally connected
together to function as direction control.
The driver differential outputs and receiver differential
inputs connect internally to form a differential input/
output (I/O) bus port that is designed to offer minimum
loading to the bus whenever the driver is disabled or not
powered. These devices feature wide positive and
negative common-mode voltage ranges, making them
suitable for party-line applications.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D OR P PACKAGE
(TOP VIEW)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
100
120
DIFFERENTIAL OUTPUT VOLTAGE
vs
DIFFERENTIAL OUTPUT CURRENT
IOD – Differential Output Current – mA
60
Ω Load
Line
30
Ω Load
Line
TA = 25°C
DE at VCC
D at VCC
VCC = 5 V
1
2
3
4
6
7
A
B
R
RE
DE
D
LOGIC DIAGRAM
(POSITIVE LOGIC)
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002–2003, Texas Instruments Incorporated


Similar Part No. - 65HVD05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
65HVD251 TI-65HVD251 Datasheet
378Kb / 19P
CAN TRANSCEIVER
65HVD251 TI1-65HVD251 Datasheet
927Kb / 27P
INDUSTRIAL CAN TRANSCEIVER
65HVD61 TI-65HVD61 Datasheet
351Kb / 17P
ControlNet TM TRANSCEIVER
More results

Similar Description - 65HVD05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
PROFIBUS RS-485 TRANSCEIVERS
SN65HVD05 TI-SN65HVD05_07 Datasheet
475Kb / 24P
HIGH OUTPUT RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
PROFIBUS RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
RS-485 Transceivers
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com