Electronic Components Datasheet Search
  English  ▼

X  

2SEPC560M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SEPC560M
Description  Radial Lead Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SEPC560M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SEPC560M Datasheet HTML 1Page - Panasonic Semiconductor 2SEPC560M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Solid Capacitors
fd
L
15 min.
4 min.
19 min.
+
–
fd
L
15 min.
4 min.
19 min.
+
–
Lot. No.
Polarity marking (−)
Series
R. Capacitance
R. Voltage
Radial Lead Type
Series : SEPC
● Super low ESR (5 m
Ω to 24 mΩ)
● Large capacitance (2700 μF max.)
● RoHS compliance, Halogen free
Specifications
Features
Size code
B9
C55
C6
C9
E7
E9
E12
E13
F13
Category temperature range
–55 °C to +105 °C
Rated voltage range (V.DC)
2.5
6.3
2.5 to 16
6.3 to 16 2.5 to 16
16
2.5 to 6.3 2.5 to 16
Rated capacitance range (μF) 100 to 560
220
100 to 560 100 to 820 150 to 1000 180 to 1000 180 to 270 470 to 820 470 to 2700
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Endurance
+105 °C, 5000 h, rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan d
< 150 % of the initial limit
DC leakage current Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 1000 h, No-applied voltage
Capacitance change
Within ±20 % of the initial value
tan d
< 150 % of the initial limit
DC leakage current Within the initial limit (after voltage processing)
Marking
Unit : mm
✽1 2SEPC390M, 2SEPC560M : 0.5±0.05
✽2 16SEPC150MD, 10SEPC270M : 0.45±0.05
B9, C55, C6, C9, E7, E9 size flat rubber is used.
B9, C55, C6, C9, E7, E9 Size
E12, E13, F13 Size
Size code
fD±0.5 L max. F±0.5 fd±0.05
B9
5.0
9.0
2.0
0.6
C55
6.3
5.5
2.5
0.45
C6
6.3
6.0
2.5
0.45 ✽
1
C9
6.3
9.0
2.5
0.6
E7
8.0
7.0
3.5
0.6 ✽
2
E9
8.0
9.0
3.5
0.6
E12
8.0
12.0
3.5
0.6
E13
8.0
13.0
3.5
0.6
F13
10.0
13.0
5.0
0.6
Dimensions (not to scale)
✽ Externals of figure are the reference.
Nov. 2015
01


Similar Part No. - 2SEPC560M

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
2SE SENSATA-2SE Datasheet
192Kb / 4P
Solid-State Vane Switch
logo
Honeywell Solid State E...
2SE156-3 HONEYWELL-2SE156-3 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
2SE157-3 HONEYWELL-2SE157-3 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
2SE321 HONEYWELL-2SE321 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
2SE322 HONEYWELL-2SE322 Datasheet
1Mb / 14P
MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
February 2015
More results

Similar Description - 2SEPC560M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
Radial Lead Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com