Electronic Components Datasheet Search
  English  ▼

X  

DMN6070SSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN6070SSD
Description  Low Input Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6070SSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN6070SSD Datasheet HTML 1Page - Diodes Incorporated DMN6070SSD Datasheet HTML 2Page - Diodes Incorporated DMN6070SSD Datasheet HTML 3Page - Diodes Incorporated DMN6070SSD Datasheet HTML 4Page - Diodes Incorporated DMN6070SSD Datasheet HTML 5Page - Diodes Incorporated DMN6070SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN6070SSD
Document number: DS36342 Rev. 3 - 2
1 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN6070SSD
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
60V
80mΩ @ VGS = 10V
4.1A
100mΩ @ VGS = 4.5V
3.6A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
•
Backlighting
•
Power Management Functions
•
DC-DC Converters
Features and Benefits
•
Low On-Resistance
•
Low Input Capacitance
•
Fast Switching Speed
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections Indicator: See Diagram
•
Terminals: Finish
⎯ Matte Tin Annealed over Copper Leadframe
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN6070SSD-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
1
4
8
5
N6070SD
WW
YY
Top View
Top View
Pin Configuration
D1
S1
G1
S2
G2
D1
D2
D2
D1
S1
G1
D2
S2
G2
Equivalent Circuit
= Manufacturer’s Marking
N6070SD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)
SO-8
SO-8


Similar Part No. - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMN6070SSD-13 VBSEMI-DMN6070SSD-13 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Diodes Incorporated
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
Low Input Capacitance
Rev 4
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
Low Input Capacitance
Rev 3
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
Low Input Capacitance
Rev 3
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
Low Input Capacitance
Rev 4
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
Low Input Capacitance
Rev 7
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
Low Input Capacitance
Rev 3
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
Low Input Capacitance
Rev 4
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
Low Input Capacitance
Rev 5
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
Low Input Capacitance
Rev 2
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
Low input capacitance
29-Aug-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com