Electronic Components Datasheet Search
  English  ▼

X  

XR-2212P Datasheet(PDF) 5 Page - Exar Corporation

Part # XR-2212P
Description  Precision Phase-Locked Loop
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212P Datasheet(HTML) 5 Page - Exar Corporation

  XR-2212P Datasheet HTML 1Page - Exar Corporation XR-2212P Datasheet HTML 2Page - Exar Corporation XR-2212P Datasheet HTML 3Page - Exar Corporation XR-2212P Datasheet HTML 4Page - Exar Corporation XR-2212P Datasheet HTML 5Page - Exar Corporation XR-2212P Datasheet HTML 6Page - Exar Corporation XR-2212P Datasheet HTML 7Page - Exar Corporation XR-2212P Datasheet HTML 8Page - Exar Corporation XR-2212P Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
XR-2212
5
Rev. 2.01
+
-
Op Amp
Phase
Detector
Loop
Filter
Pre
Amp
0-DET
Input
Signal
Input
AMP
VCO
Voltage
Output
VCO
Current
Output
VCO
Phase
Quadrature
Output
Figure 2. Functional Block Diagram of XR-2212 Precision PLL System
VCC
8
CO
RL
5.6K
Demod
Output
6
C1
10
RF
9
7
RC
0.1
mF
Input
Signal
2
Phase
Detector
16
5
%N
0.1
mF
External
Divider
(Optional)
VCO
14
13
12
R1
R0
CO
0.1
mF
R3
11
Internal
Reference
Figure 3. Generalized Circuit Connection for FM Detection, Signal
Tracking or Frequency Synthesis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com