Electronic Components Datasheet Search
  English  ▼

X  

XR2209 Datasheet(PDF) 13 Page - Exar Corporation

Part # XR2209
Description  Voltage-Controlled Oscillator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2209 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XR2209 Datasheet HTML 9Page - Exar Corporation XR2209 Datasheet HTML 10Page - Exar Corporation XR2209 Datasheet HTML 11Page - Exar Corporation XR2209 Datasheet HTML 12Page - Exar Corporation XR2209 Datasheet HTML 13Page - Exar Corporation XR2209 Datasheet HTML 14Page - Exar Corporation XR2209 Datasheet HTML 15Page - Exar Corporation XR2209 Datasheet HTML 16Page - Exar Corporation XR2209 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
XR-2209
Rev. 2.02
13
If R = 2M
W, RC = 2kW, C = 5000pF, then a 1000:1
frequency sweep would result for a negative sweep
voltage VC  VEE.
The voltage to frequency conversion gain, K, is controlled
by the series resistance RC and can be expressed as:
K
+ Df
DV
C
+ -
1
RCCV
EE
Hz V
The circuit of
Figure 15 can operate both with positive
and negative values of control voltage. However, for
positive values of VC with small (RC/R) ratio, the direction
of the timing current IT is reversed and the oscillations will
stop.
Frequency Control (Sweep and FM) - Single Supply
The circuit given in
Figure 16 shows the frequency sweep
method for single supply operation. Here, the oscillation
frequency is given as:
f
+ 1
RC
1
) R
R
C
1
–
V
C
V
T
where VT = Vpin4 ~ Vbias + 0.7V.
This equation is valid from VC = 0V where RC is in parallel
with R and IT is maximum to:
V
C + VT
1
)
R
C
R
where IT = 0 and oscillation ceases.
Caution: Total timing current IT must be less than 6mA over the
frequency control range.
VCC
RL
Square Wave
Output
VCC
Triangle Wave
C
VCC
1
mF
4
6
BIAS
5
TWO
8
SWO
7
TC2
3
TC1
2
1
XR-2209
R
RC
VC+
VC
IT
IC
IO
Output
1
mF
VC-
Sweep
or
FM
Voltage
Figure 15. Frequency Sweep Operation, Split Supply
VEE
VEE
VEE
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com