Electronic Components Datasheet Search
  English  ▼

X  

ZC821 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZC821
Description  SILICON ION-IMPLANTED HYPERABRUPT TUNER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC821 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZC821 Datasheet HTML 1Page - Zetex Semiconductors ZC821 Datasheet HTML 2Page - Zetex Semiconductors ZC821 Datasheet HTML 3Page - Zetex Semiconductors ZC821 Datasheet HTML 4Page - Zetex Semiconductors ZC821 Datasheet HTML 5Page - Zetex Semiconductors ZC821 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZC829, ZDC833, ZMV829, ZMDC830, ZV831 Series
Device Description
A range of silicon varactor diodes for use in frequency control and
filtering. Featuring closely controlled CV characteristics and high
Q. Low reverse current ensures very low phase noise
performance. Available in single or dual common cathode format
in a wide rage of miniature surface mount packages.
Features
· Close tolerance C-V characteristics
· High tuning ratio
· Low IR (typically 200pA)
· Excellent phase noise performance
· High Q
· Range of miniature surface mount packages
Applications
· VCXO and TCXO
· Wireless communications
· Pagers
· Mobile radio
*Where steeper CV slopes are required there is the 12V hyperabrupt range.
ZC930, ZMV930, ZV930, ZV931 Series
830 series
ISSUE 6 - JANUARY 2002
1
SILICON 28V HYPERABRUPT VARACTOR DIODES


Similar Part No. - ZC821

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
ZC8200 AAC-ZC8200 Datasheet
77Kb / 1P
Commercial Narrowband Voltage Controlled Oscillators
ZC8240 AAC-ZC8240 Datasheet
77Kb / 1P
Commercial Narrowband Voltage Controlled Oscillators
logo
Zetex Semiconductors
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
151Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
93Kb / 6P
SILICON 25V HYPERABRUPT VARACTOR DIODES
More results

Similar Description - ZC821

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
SILICON 12V HYPERABRUPT VARACTOR DIODES
logo
Knox Semiconductor, Inc
KSV1401 KNOX-KSV1401 Datasheet
35Kb / 1P
SILICON HYPERABRUPT TUNING DIODES
SMV1401 KNOX-SMV1401 Datasheet
37Kb / 1P
SILICON HYPERABRUPT TUNING DIODES
logo
Zetex Semiconductors
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
Silicon 25V hyperabrupt varactor diodes
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
SILICON 12V HYPERABRUPT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com